Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS558-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS558-01
Description  PECL/CMOS TO CMOS CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS558-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS558-01 Datasheet HTML 1Page - Renesas Technology Corp ICS558-01 Datasheet HTML 2Page - Renesas Technology Corp ICS558-01 Datasheet HTML 3Page - Renesas Technology Corp ICS558-01 Datasheet HTML 4Page - Renesas Technology Corp ICS558-01 Datasheet HTML 5Page - Renesas Technology Corp ICS558-01 Datasheet HTML 6Page - Renesas Technology Corp ICS558-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
PECL/CMOS TO CMOS CLOCK DRIVER
ICS558-01
IDT™ / ICS™ PECL/CMOS TO CMOS CLOCK DRIVER
1
ICS558-01
REV F 051310
Description
The ICS558-01 accepts a high speed input of either PECL
or CMOS, integrates a divider of 1, 2, 3, or 4, and provides
four CMOS low skew outputs. The chip also has output
enables so that one, three, or all four outputs can be
tri-stated.
The ICS558-01 is a member of the IDT Clock Blocks™family
of clock generation, synchronization, and distribution
devices.
Features
• 16-pin TSSOP package
• Pb (lead) free package
• Selectable PECL or CMOS inputs
• Operates up to 250 MHz
• Works as a voltage translator
• Four low skew (<250 ps) outputs
• Selectable internal divider
• Operating input voltages of 3.3 V or 5.0 V
• Operating output voltages of 2.5 V, 3.3 V or 5.0 V
• Ideal for IA64 designs
Block Diagram
OE1
CLK1
CLK2
CLK3
CLK4
PECLIN
Output Divide
PECLIN
S0, S1
GND
VDDP
OE0
GND
VDDC
2
1
0
CMOSIN
SELPECL


Similar Part No. - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS558-01 ICST-ICS558-01 Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
More results

Similar Description - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC949 MOTOROLA-MPC949 Datasheet
127Kb / 6P
LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
Quad CMOS to PECL* Translator
1996 REV 5
logo
Integrated Circuit Syst...
ICS508 ICST-ICS508 Datasheet
49Kb / 5P
PECL to CMOS Converter
Revision 012400
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
Integrated Circuit Syst...
ICS558-01 ICST-ICS558-01 Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
QUAD CMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com