Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS558-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS558-01
Description  PECL/CMOS TO CMOS CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS558-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS558-01 Datasheet HTML 1Page - Renesas Technology Corp ICS558-01 Datasheet HTML 2Page - Renesas Technology Corp ICS558-01 Datasheet HTML 3Page - Renesas Technology Corp ICS558-01 Datasheet HTML 4Page - Renesas Technology Corp ICS558-01 Datasheet HTML 5Page - Renesas Technology Corp ICS558-01 Datasheet HTML 6Page - Renesas Technology Corp ICS558-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS558-01
PECL/CMOS TO CMOS CLOCK DRIVER
PECL CLOCK DRIVER
IDT™ / ICS™ PECL/CMOS TO CMOS CLOCK DRIVER
3
ICS558-01
REV F 051310
External Components
The ICS558-01 requires two 0.01
µF capacitors between VDDP and GND, and VDDC and GND—one on each side
of the chip. These must be close to the chip to minimize lead inductance. Series termination resistors of 33
Ωcan be
used on the outputs (these also must be close to the chip).
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS558-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
DC Electrical Characteristics
VDDP = VDDC = 3.3V (unless stated otherwise), Ambient temperature 0 to +70
° C
Item
Rating
Supply Voltage; VDDP, VDDC (referenced to ground)
7.0 V
Inputs and Clock Outputs (referenced to ground)
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature (maximum of 10 seconds)
260
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage, VDDP
VDDP
≥ VDDC
3.0
5.5
V
Operating Voltage, VDDC
VDDP
≥ VDDC
2.375
VDDP
V
Input High Voltage, CMOSIN
VIH
(VDDP/2)+
1
V
Input Low Voltage, CMOSIN
VIL
(VDDP/2)-
1
V
Input High Voltage
VIH
non-clock pins
VDDP-0.5
VDDP
V
Input Low Voltage
VIL
non-clock pins
0.5
V
Common Mode Range, PECLIN
VDDP=5 V
VDDP-3.7
VDDP-0.6
V
Common Mode Range, PECLIN
VDDP=3.3 V
VDDP-2.0
VDDP-0.6
V
Peak-to-Peak Input Voltage, PECLIN
0.3
1.0
V
Output High Voltage
VOH
VDDC = 5 V,
IOH = -24 mA
VDDC-0.4
V
Output Low Voltage
VOL
VDDC = 5 V,
IOL = 24 mA
0.4
V
Output High Voltage
VOH
VDDC = 3.3 V,
IOH = -18 mA
VDDC-0.4
V
Output Low Voltage
VOL
VDDC = 3.3 V,
IOL = 18 mA
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com