Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2035TS Datasheet (PDF) - NXP Semiconductors

UBA2035TS Datasheet PDF - NXP Semiconductors
Part # UBA2035TS
Download  UBA2035TS Download
File Size   71.28 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HF full bridge control IC for HID lighting

UBA2035TS Datasheet (PDF)

Go To PDF Page Download Datasheet
UBA2035TS Datasheet PDF - NXP Semiconductors

Part # UBA2035TS
Download  UBA2035TS Click to download

File Size   71.28 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HF full bridge control IC for HID lighting

UBA2035TS Datasheet (HTML) - NXP Semiconductors


UBA2035TS Product details

General description
The UBA2035 is a high voltage monolithic Integrated Circuit (IC) manufactured in a High Voltage Silicon On Insulator (HVSOI) process. This circuit is designed for driving MOSFETs in a full bridge configuration. In addition, it features a disable function, an internal adjustable oscillator and an external clock input function with a high-voltage level shifter for driving the bridge. To guarantee an accurate 50 % duty cycle, the oscillator signal can be passed through a divider before being fed to the output drivers.
The UBA2035 is especially suitable for High Intensity Discharge (HID) lamp drivers for projectors and general lighting applications for which a small non-overlap time is required.

Features
■ Full bridge driver circuit
■ Integrated bootstrap diodes
■ 550 V series regulator input to make the internal supply
■ 550 V maximum bridge voltage
■ Accurate bridge disable function
■ Input for start-up delay
■ Adjustable oscillator frequency
■ Selectable frequency divider
■ Predefined bridge position during start-up
■ A fixed non-overlap (< 200 ns)

Applications
■ The UBA2035 can drive (via the power MOSFETs) any kind of load in a full bridge configuration
■ The circuit is especially designed as a commutator controller for high intensity discharge lamps in projectors and general lighting applications




Similar Part No. - UBA2035TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
Full bridge driver IC
1999 Aug 10
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
HF full bridge driver IC
2002 Oct 08
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
HF full bridge driver IC
2002 Oct 08
UBA2033TS PHILIPS-UBA2033TS Datasheet
92Kb / 20P
HF full bridge driver IC
2002 Oct 08
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
More results


Similar Description - UBA2035TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
HF full bridge driver IC
2002 Oct 08
UBA2036TS NXP-UBA2036TS Datasheet
74Kb / 13P
Full bridge control IC for HID automotive lighting
Rev. 01-30 October 2008
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
NXP Semiconductors
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
HF full bridge driver IC
2002 Oct 08
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
NXP Semiconductors
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com