Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA748 Datasheet (PDF) - STMicroelectronics

UA748 Datasheet PDF - STMicroelectronics
Part # UA748
Download  UA748 Download
File Size   115.03 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRECISION SINGLE OPERATIONAL AMPLIFIER

UA748 Datasheet (PDF)

Go To PDF Page Download Datasheet
UA748 Datasheet PDF - STMicroelectronics

Part # UA748
Download  UA748 Click to download

File Size   115.03 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRECISION SINGLE OPERATIONAL AMPLIFIER

UA748 Datasheet (HTML) - STMicroelectronics


UA748 Product details

DESCRIPTION
The UA748 is a general purpose operational amplifier built on a single silicon chip. The resulting close match and tight thermal coupling gives low offsets and temperature drift as well as fast recovery from thermal transients.

■ INPUT OFFSET VOLTAGE : 3mV max. OVER TEMPERATURE
■ FREQUENCY COMPENSATION WITH A SINGLE 30pF CAPACITOR (C1)
■ OPERATION FROM ±5V to ±15V
■ LOW POWER CONSUMPTION : 50mW AT ±15V
■ CONTINUOUS SHORT-CIRCUIT PROTECTION
■ OPERATION AS A COMPARATOR WITH DIFFERENTIAL INPUTS AS HIGH AS ±30V
■ NO LATCH-UP WHEN COMMON-MODE RANGE IS EXCEEDED
■ SAME PIN CONFIGURATION AS THE LM101A




Similar Part No. - UA748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Texas Instruments
UA748C TI-UA748C Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA748C STMICROELECTRONICS-UA748C Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Texas Instruments
UA748CD TI-UA748CD Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA748CN STMICROELECTRONICS-UA748CN Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
More results


Similar Description - UA748

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
Precision CMOS Single Operational Amplifier
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
Precision Micropower Single Supply Operational Amplifier
REV.0
logo
Burr-Brown (TI)
OPA1013 BURR-BROWN-OPA1013 Datasheet
165Kb / 9P
Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748_01 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
Precision CMOS Single Operational Amplifier
logo
New Japan Radio
NJMOP177 NJRC-NJMOP177 Datasheet
1Mb / 18P
Single Precision Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
LMC6081 TI1-LMC6081 Datasheet
1Mb / 21P
LMC6081 Precision CMOS Single Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com