Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet (PDF) - Cirrus Logic

CS8422 Datasheet PDF - Cirrus Logic
Part # CS8422
Download  CS8422 Download
File Size   1480.27 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit, 192 kHz, Asynchronous Sample Rate Converter with

CS8422 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8422 Datasheet PDF - Cirrus Logic

Part # CS8422
Download  CS8422 Click to download

File Size   1480.27 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit, 192 kHz, Asynchronous Sample Rate Converter with

CS8422 Datasheet (HTML) - Cirrus Logic


CS8422 Product details

General Description

The CS8422 is a 24-bit, high-performance, monolithic CMOS stereo asynchronous sample rate converter with an integrated digital audio interface receiver that decodes audio data according to the EIAJ CP1201, IEC-60958, AES3, and S/PDIF interface standards.



System Features

SPI™or I²C™Software Mode and Stand-Alone Hardware Mode

Flexible 3-wire Digital Serial Audio Input Port

Dual Serial Audio Output Ports with Independently Selectable Data Paths

Master or Slave Mode Operation for all Serial Audio Ports

Time Division Multiplexing (TDM) Mode

Integrated Oscillator for use with External Crystal

Four General-purpose Output Pins (GPO)

+3.3 V Analog Supply (VA)

+1.8 V to 5.0 V Digital Interface (VL)

Space-saving 32-pin QFN Package




Similar Part No. - CS8422

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422-CNZ CIRRUS-CS8422-CNZ Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422-CNZ CIRRUS-CS8422-CNZ Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422-CNZR CIRRUS-CS8422-CNZR Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
More results


Similar Description - CS8422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
9/02-Data Sheet changed from REV. A to REV. B.
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com