Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 5Page - Cirrus Logic CS8422 Datasheet HTML 6Page - Cirrus Logic CS8422 Datasheet HTML 7Page - Cirrus Logic CS8422 Datasheet HTML 8Page - Cirrus Logic CS8422 Datasheet HTML 9Page - Cirrus Logic CS8422 Datasheet HTML 10Page - Cirrus Logic CS8422 Datasheet HTML 11Page - Cirrus Logic CS8422 Datasheet HTML 12Page - Cirrus Logic CS8422 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DS692PP1
9
CS8422
1. PIN DESCRIPTION
1.1
Software Mode
Pin Name
Pin #
Pin Description
RX[3:0],
RXP/RXN[1:0]
1
2
5
6
AES3/SPDIF Input (Input) - Single-ended or differential receiver inputs carrying AES3 or S/PDIF
encoded digital data. RX[3:0] comprise the single-ended input multiplexer. RXP[1:0] comprise the
non-inverting inputs of the differential input multiplexer and RXN[1:0] comprise the inverting inputs
of the differential input multiplexer. Unused inputs should be tied to AGND/DGND.
VA
3
Analog Power (Input) - Analog power supply, nominally +3.3 V. Care should be taken to ensure
that this supply is as noise-free as possible, as noise on this pin will directly affect the jitter perfor-
mance of the recovered clock.
AGND
4
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be
connected to a common ground area under the chip.
AD0/CS
7
Address Bit 0 (I²C) / Software Chip Select (SPI) (Input) - A falling edge on this pin puts the
CS8422 into SPI Control Port Mode. With no falling edge, the CS8422 defaults to I²C Mode. In I²C
Mode, AD0 is a chip address pin. In SPI Mode, CS is used to enable the control port interface on
the CS8422. See “Control Port Description” on page 42.
AD1/CDIN
8
Address Bit 1 (I²C) / Serial Control Data in (SPI) (Input) - In I²C Mode, AD1 is a chip address pin.
In SPI Mode, CDIN is the input data line to the control port interface. See “Control Port Description”
on page 42.
SCL/CCLK
9
Software Clock (Input) - Serial control interface clock used to clock control data bits into and out of
the CS8422.
SDA/CDOUT
10
Serial Control Data I/O (I²C) / Data Out (SPI) (Input/Output) - In I²C Mode, SDA is the control I/O
data line. In SPI Mode, CDOUT is the output data from the control port interface on the CS8422.
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Top-Down View
32-Pin QFN Package
Thermal Pad
OSCLK2
VA
AGND
AD0/CS
RX0/RXP0
SDOUT2
VL
RX1/RXN0
RX2/RXP1
RX3/RXN1
GPO2
VD_FILT
V_REG
AD1/CDIN
GPO1
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com