Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 69Page - Cirrus Logic CS8422 Datasheet HTML 70Page - Cirrus Logic CS8422 Datasheet HTML 71Page - Cirrus Logic CS8422 Datasheet HTML 72Page - Cirrus Logic CS8422 Datasheet HTML 73Page - Cirrus Logic CS8422 Datasheet HTML 74Page - Cirrus Logic CS8422 Datasheet HTML 75Page - Cirrus Logic CS8422 Datasheet HTML 76Page - Cirrus Logic CS8422 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
DS692PP1
73
CS8422
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
5k
45 k
1 0k
15 k
20 k
2 5k
30 k
3 5k
4 0k
Hz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
10 k
90 k
20k
3 0k
40k
50k
60k
70k
80k
Hz
Figure 55. Wideband FFT –
0 dBFS 80 kHz Tone, 192 kHz:192 kHz
Figure 56. Wideband FFT –
0 dBFS 20 kHz Tone, 48 kHz:96 kHz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2. 5k
22 .5 k
5k
7.5k
10k
12.5k
15k
1 7. 5k
20k
Hz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2.5k
22 .5 k
5k
7.5k
10 k
1 2. 5k
15 k
17.5k
20k
Hz
Figure 57. Wideband FFT –
0 dBFS 20 kHz Tone, 48 kHz:48 kHz
Figure 58. Wideband FFT –
0 dBFS 20 kHz Tone, 96 kHz:48 kHz
-2 00
+0
-1 90
-1 80
-1 70
-1 60
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2k
22k
4 k
6k
8k
10 k
12 k
14 k
1 6k
1 8k
20 k
Hz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
T
T
Figure 59. Wideband FFT –
0 dBFS 20 kHz Tone, 48 kHz:44.1 kHz
Figure 60. THD+N vs. Output Sample Rate –
0dBFS 1kHz Tone, Fsi=192kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com