Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 39Page - Cirrus Logic CS8422 Datasheet HTML 40Page - Cirrus Logic CS8422 Datasheet HTML 41Page - Cirrus Logic CS8422 Datasheet HTML 42Page - Cirrus Logic CS8422 Datasheet HTML 43Page - Cirrus Logic CS8422 Datasheet HTML 44Page - Cirrus Logic CS8422 Datasheet HTML 45Page - Cirrus Logic CS8422 Datasheet HTML 46Page - Cirrus Logic CS8422 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
DS692PP1
43
CS8422
9.1.2
I²C Mode
In I²C Mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL.
There is no CS pin. Pins AD0 and AD1 form the two least significant bits of the chip address and should
be connected to VL or DGND as desired. The GPO2 pin is used to set the AD2 bit by connecting a 20 k
Ω
resistor from the GPO2 pin to VL (a 20 k
Ω pull-up sets AD2 = 1, and the absence of a pull-up sets
AD2 = 0). The states of the pins are sensed while the CS8422 is being reset.
The signal timings for a read and write cycle are shown in Figure 23 and Figure 24. A Start condition is
defined as a falling transition of SDA while the clock is high. A Stop condition is a rising transition while
the clock is high. All other transitions of SDA occur while the clock is low. The first byte sent to the CS8422
after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a read, low for a write).
The upper 4 bits of the 7-bit address field are fixed at 0010.
To communicate with a CS8422, the chip address field, which is the first byte sent to the CS8422, should
match 0010 followed by the settings of the AD2, AD1, and AD0 pins. The eighth bit of the address is the
R/W bit. If the operation is a write, the next byte includes the Memory Address Pointer (MAP) which se-
lects the register to be read or written. If the operation is a read, the contents of the register pointed to by
the MAP will be output. Each byte is separated by an acknowledge bit (ACK). The ACK bit is output from
the CS8422 after each input byte is read, and is input to the CS8422 from the microcontroller after each
transmitted byte.
Note that the read operation can not set the MAP so an aborted write operation is used as a preamble.
As shown in Figure 24, the write operation is aborted after the acknowledge for the MAP byte by sending
a stop condition.
9.1.3
Memory Address Pointer (MAP)
The MAP is an 8-bit word containing the control port address to be read or written in both SPI and I²C Modes
and a bit to control an auto-increment feature. MAP[6:0] constitute the address to be read or written, while
bit 7 of the MAP (INC) determines whether or not MAP[6:0] will automatically increment after each control
port read or write. If INC = 0, MAP[6:0] will not automatically increment after each control port read or write.
If INC = 1, MAP[6:0] will automatically increment after each control port read or write. The MAP byte is
shown in Figures 23 and 24.
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
0 0 1 0 AD2 AD1 AD0 0
SDA
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
INC
Figure 23. Control Port Timing, I²C Slave Mode Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
SDA
CHIP ADDRESS (READ)
START
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
DATA + n
STOP
0 0 1 0 AD2 AD1 AD0 0
0 0 1 0 AD2 AD1 AD0 1
INC
Figure 24. Control Port Timing, I²C Slave Mode Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com