Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 28Page - Cirrus Logic CS8422 Datasheet HTML 29Page - Cirrus Logic CS8422 Datasheet HTML 30Page - Cirrus Logic CS8422 Datasheet HTML 31Page - Cirrus Logic CS8422 Datasheet HTML 32Page - Cirrus Logic CS8422 Datasheet HTML 33Page - Cirrus Logic CS8422 Datasheet HTML 34Page - Cirrus Logic CS8422 Datasheet HTML 35Page - Cirrus Logic CS8422 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
32
DS692PP1
CS8422
frequencies will be derived from the XTI-XTO clock when clock switching has taken place and the RMCK-
to-LRCK ratio will be maintained.
When clock switching is not enabled and the PLL has lost lock, RMCK will be derived from the VCO idle
frequency. The frequency of the RMCK output will be still be determined by the ratio selected by the RM-
CK[2:0] bits in register 09h, or the MS_SEL pin in Hardware Mode. When the PLL has lost lock, the VCO
idle frequency is equivalent to AES3 input data with Fs
≅ 54 kHz ± 5% (or ISCLK ≅ 3.456 MHz ± 5%).
6.4.1
Hardware Mode Control
In Hardware Mode, XTI System Clock Mode is always enabled.
6.4.2
Software Mode Control
In Software Mode, XTI System Clock Mode is controlled through the register described in Section 11.2
“Clock Control (02h)” on page 47.
6.5
AES11 Behavior
When an AES3-derived OLRCK is configured as a master, the rising or falling edge of OLRCK (depending
on the serial port interface format setting) will be within -1.5%(1/Fs) to 1.5%(1/Fs) from the start of the pre-
amble X/Z. In master mode, the latency through the receiver depends on the input sample frequency. In
master mode the latency of the audio data will be 3 frames in AES3 direct mode, and 4 frames in all other
cases.
When an AES3-derived OLRCK is configured as a slave, any synchronized input within +/-25% of an AES3
frame from the positive or negative edge of OLRCK (depending on the serial port interface format setting)
will be treated as being sampled at the same time. Since the CS8422 has no control of the OLRCK in slave
mode, the latency of the data through the part will be a multiple of 1/Fs plus the intrinsic delay between OL-
RCK and the preambles also present in master mode.
Both of these conditions are within the tolerance range set forth in the AES11 standard.
6.6
Error and Status Reporting
While decoding the incoming bi-phase encoded data stream, the CS8422 has the ability to identify various
error conditions. Refer to Sections 6.6.1 and 6.6.2 for details.
6.6.1
Software Mode
Software Mode allows the most flexibility in reading errors. When unmasked, bits in the Receiver Error
register (0Ch) indicate the following errors:
1.
QCRC – CRC error in Q subcode data.
2.
CCRC – CRC error in channel status data.
3.
UNLOCK – PLL is not locked to incoming bi-phase data stream, or 2 valid Z preambles have not yet
been detected.
4.
V – Data Validity bit is set.
5.
CONF – The input data stream may be near error condition due to jitter degradation.
6.
BIP – Bi-phase encoding error.
7.
PAR – Parity error in incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com