Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 18Page - Cirrus Logic CS8422 Datasheet HTML 19Page - Cirrus Logic CS8422 Datasheet HTML 20Page - Cirrus Logic CS8422 Datasheet HTML 21Page - Cirrus Logic CS8422 Datasheet HTML 22Page - Cirrus Logic CS8422 Datasheet HTML 23Page - Cirrus Logic CS8422 Datasheet HTML 24Page - Cirrus Logic CS8422 Datasheet HTML 25Page - Cirrus Logic CS8422 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
22
DS692PP1
CS8422
3. TYPICAL CONNECTION DIAGRAMS
3.1
Software Mode
CS8422
VD_FILT
Serial Audio Input
Device
Crystal/Clock Source
Microcontroller
Serial Audio Input
Device
Serial Audio Output
Device
AES3/SPDIF/IEC60958
Receiver Circuitry
Clock Routing,
Interrupt Control,
Channel-Status, and
User Data Output
TDM Output Device
RX0/RXP0
1
RX1/RXN0
2
RX2/RXP1
5
RX3/RXN1
5
ILRCK
13
ISCLK
14
SDIN
15
XTI
11
XTO
12
AD0/CS
7
AD1/CDIN
8
SCL/CCLK
9
SDA/CDOUT
10
RST
32
GPO0 16
GPO1 17
GPO2 18
GPO3 30
21
4
20
10 µF
0.1 µF
+
RMCK 31
SDOUT2 23
OSCLK2 24
OLRCK2 25
TDM_IN 26
SDOUT1 27
OLRCK1 29
OSCLK1 28
10 µF
0.1 µF
+
3
+3.3V
+1.8V to +5V
0.1 µF
22
10 µF
0.1 µF
+
19
+3.3V
20 k
Ω
+VL
Figure 7. Typical Connection Diagram, Software Mode
See section 12.3 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com