Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 26Page - Cirrus Logic CS8422 Datasheet HTML 27Page - Cirrus Logic CS8422 Datasheet HTML 28Page - Cirrus Logic CS8422 Datasheet HTML 29Page - Cirrus Logic CS8422 Datasheet HTML 30Page - Cirrus Logic CS8422 Datasheet HTML 31Page - Cirrus Logic CS8422 Datasheet HTML 32Page - Cirrus Logic CS8422 Datasheet HTML 33Page - Cirrus Logic CS8422 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30
DS692PP1
CS8422
6.2.2.1
Single-Ended Input Mode
When the receiver input multiplexer is set to Single-Ended Mode, the receiver inputs can be switched be-
tween operation as comparator inputs or digital inputs.
Receiver Input Mode 1 (Analog Sensitivity Mode)
If Mode 1 is selected, the inputs are biased at VA/2 and should be coupled through a capacitor. The rec-
ommended value for the AC coupling capacitors is 0.01 µF to 0.1 µF. The recommended dielectrics for
the AC coupling capacitors are C0G or X7R.
When the receiver input multiplexer is in Mode 1, the receiver input pins allow very low amplitude signals
to be decoded reliably. In this mode, the maximum allowable input amplitude is determined by VA, which
is nominally 3.3 volts. If input amplitudes greater than 3.3 Volts to a single pin of the receiver input multi-
plexer are required, then attenuation is necessary prior to the receiver input to avoid damage to the part
(See “Attenuating Input signals” on page 65 for more details). Figure 17 shows the input structure of the
receiver in Single-Ended Mode.
Figure 17. Single-Ended Receiver Input Structure, Receiver Mode 1
Receiver Input Mode 2 (Digital Sensitivity Mode)
If Mode 2 is selected, the receiver inputs should be driven by a digital signal referenced to VA. In this
mode, the selected receiver input is not biased, and does not require the use of an AC coupling capacitor
(as with the use of a typical optical receiver output).
When the receiver input multiplexer is in Mode 2 the specifications for VIH/VIL apply (see “Switching Spec-
ifications” on page 17 for more details).
6.2.2.2
Differential Input Mode
When the receiver input multiplexer is set to differential input mode, the inputs are biased at VA/2, and
require the use of AC coupling capacitors, as mentioned in Section 6.2.2.1. Figure 18 shows the structure
of the receiver in differential mode.
+
-
VA
22 k
Ω
(22000/N)
Ω
22 k
Ω
AGND
RX[3:0]
(1500 + 1500/N)
Ω
(22000/N)
Ω
Note:
1.
If RX[3:0] is selected by either the receiver MUX or the TX pass-through MUX, N=1.
2.
If RX[3:0] is selected by both the receiver MUX and the TX pass-through MUX, N=2.
3.
If RX[3:0] is not selected at all, N=0 (i.e. high impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com