Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 30Page - Cirrus Logic CS8422 Datasheet HTML 31Page - Cirrus Logic CS8422 Datasheet HTML 32Page - Cirrus Logic CS8422 Datasheet HTML 33Page - Cirrus Logic CS8422 Datasheet HTML 34Page - Cirrus Logic CS8422 Datasheet HTML 35Page - Cirrus Logic CS8422 Datasheet HTML 36Page - Cirrus Logic CS8422 Datasheet HTML 37Page - Cirrus Logic CS8422 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
34
DS692PP1
CS8422
6.7.1
Hardware Mode Control
In Hardware Mode, AUDIO is output on the V/AUDIO pin when a 20 k
Ω resistor is connected from the
V/AUDIO pin to VL.
6.7.2
Software Mode Control
In Software Mode, the AUDIO signal is available through the GPO pins. See “GPO Control 1 (05h)” on
page 50 for more details.
6.8
Format Detection (Software Mode Only)
In Software Mode, the CS8422 can automatically detect various serial audio input formats. The Format De-
tect Status register (12h) is used to indicate a detected format. The register will indicate if uncompressed
PCM data, IEC61937 data, DTS_LD data, DTS_CD data, or digital silence was detected. Additionally, the
IEC61937 Pc/Pd burst preambles are available in registers 2Dh-30h. See the register descriptions for more
information.
6.9
Interrupts (Software Mode Only)
The INT signal, available in Software Mode, indicates when an interrupt condition has occurred and may be
output on one of the GPOs. It can be set through bits INT[1:0] in the Control1 register (02h) to be active low,
active high, or open-drain active low. This last mode is used for active low, wired-OR hook-ups, with multiple
peripherals connected to the microcontroller interrupt input pin.
Many conditions can cause an interrupt, as listed in the interrupt status register descriptions. Each source
may be masked off through mask register bits. In addition, some sources may be set to rising edge, falling
edge, or level sensitive. Combined with the option of level sensitive or edge sensitive modes within the mi-
crocontroller, many different configurations are possible, depending on the needs of the equipment design-
er. Refer to the register descriptions for the Interrupt Unmasking (0Fh), Interrupt Mode (10h), and Interrupt
Status (14h) registers
6.10
Channel Status and User Data Handling
“Channel Status Buffer Management” on page 66 describes the overall handling of Channel Status and
User data.
6.10.1
Hardware Mode Control
In Hardware Mode, Received Channel Status (C), and User (U) bits are output on the C and TX/U pins
(U data output must be selected on the TX/U pin, see “Hardware Mode Control” on page 39 for details).
OLRCK2 and RCBL are made available to qualify the C and U data output. Figure 19 illustrates timing of
the C and U data and their related signals.
6.10.2
Software Mode Control
In Software Mode, several options are available for accessing the Channel Status and User data that is
encoded in the received AES3 or SPDIF data.
The first option allows access directly through registers. The first 5 bytes of the Channel Status block are
decoded into the “Channel Status Registers (23h - 2Ch)”. Registers 23h-27h contain the A channel status
data. Registers 28h-2Ch contain the B channel status data.
Received Channel Status (C), User (U), and EMPH bits may also be serial outputs to the GPO pins by
appropriately setting the GPOxSEL bits in the “GPO Control 1 (05h)” registers. OLRCK and RCBL can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com