Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 58Page - Cirrus Logic CS8422 Datasheet HTML 59Page - Cirrus Logic CS8422 Datasheet HTML 60Page - Cirrus Logic CS8422 Datasheet HTML 61Page - Cirrus Logic CS8422 Datasheet HTML 62Page - Cirrus Logic CS8422 Datasheet HTML 63Page - Cirrus Logic CS8422 Datasheet HTML 64Page - Cirrus Logic CS8422 Datasheet HTML 65Page - Cirrus Logic CS8422 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
62
DS692PP1
CS8422
1 - There has been at least one parity error associated with incoming AES3 data during the input of the
last AES3 data block.
11.23 Fs/XTI Ratio (17h - 18h)
FS_XTI[15:0] - 256*Fs/XTI, where Fs is the sample rate of incoming AES3-compatible data.
The integer part of FS_XT[15:0] is represented in bits [15:10] in register 17h, and the fractional part is rep-
resented in bits [9:0] of registers 17h and 18h; with a precision of 300 Hz in Fs and is updated approxi-
mately every 2048/(XTI frequency). Reading register 17h will cause the value of 18h to freeze until
register 18h is read.
11.24 Q-Channel Subcode (19h - 22h)
Each byte is LSB first with respect to the 80 Q-subcode bits Q[79:0]. Thus bit 7 of address 19h is Q[0] while
bit 0 of address 19h is Q[7]. Similarly bit 0 of address 22h corresponds to Q[79].
11.25 Channel Status Registers (23h - 2Ch)
Each byte is MSB first with respect to the 80 Channel Status bits. Thus bit 0 of address 23h, AC0[0], is the
location of the Pro bit. For N = 0-79, Channel Status bit N (per AES specification) is mapped to bit N mod 8
(remainder of N divided by 8) at address 23h+floor(N/8) (23h + integer result of N divided by 8 rounded
down). For example, Channel Status bit 35 is mapped to bit 3 (35/8 = 4 remainder 3) of address 27h (23h
+ 4h).
76
543
210
FS_XT15
FS_XT14
FS_XT13
FS_XT12
FS_XT11
FS_XT10
FS_XT9
FS_XT8
FS_XT7
FS_XT6
FS_XT5
FS_XT4
FS_XT3
FS_XT2
FS_XT1
FS_XT0
76
543
210
CONTROL
CONTROL
CONTROL
CONTROL
ADDRESS
ADDRESS
ADDRESS
ADDRESS
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
TRACK
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
INDEX
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
MINUTE
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
SECOND
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
FRAME
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE ABS MINUTE
ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND ABS SECOND
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
ABS FRAME
Address
Channel Status Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
23h
Channel A Status Byte 0
AC0[7]
AC0[6]
AC0[5]
AC0[4]
AC0[3]
AC0[2]
AC0[1]
AC0[0]
24h
Channel A Status Byte 1
AC1[7]
AC1[6]
AC1[5]
AC1[4]
AC1[3]
AC1[2]
AC1[1]
AC1[0]
25h
Channel A Status Byte 2
AC2[7]
AC2[6]
AC2[5]
AC2[4]
AC2[3]
AC2[2]
AC2[1]
AC2[0]
26h
Channel A Status Byte 3
AC3[7]
AC3[6]
AC3[5]
AC3[4]
AC3[3]
AC3[2]
AC3[1]
AC3[0]
27h
Channel A Status Byte 4
AC4[7]
AC4[6]
AC4[5]
AC4[4]
AC4[3]
AC4[2]
AC4[1]
AC4[0]
28h
Channel B Status Byte 0
BC0[7]
BC0[6]
BC0[5]
BC0[4]
BC0[3]
BC0[2]
BC0[1]
BC0[0]
29h
Channel B Status Byte 1
BC1[7]
BC1[6]
BC1[5]
BC1[4]
BC1[3]
BC1[2]
BC1[1]
BC1[0]
2Ah
Channel B Status Byte 2
BC2[7]
BC2[6]
BC2[5]
BC2[4]
BC2[3]
BC2[2]
BC2[1]
BC2[0]
2Bh
Channel B Status Byte 3
BC3[7]
BC3[6]
BC3[5]
BC3[4]
BC3[3]
BC3[2]
BC3[1]
BC3[0]
2Ch
Channel B Status Byte 4
BC4[7]
BC4[6]
BC4[5]
BC4[4]
BC4[3]
BC4[2]
BC4[1]
BC4[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com