Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 45Page - Cirrus Logic CS8422 Datasheet HTML 46Page - Cirrus Logic CS8422 Datasheet HTML 47Page - Cirrus Logic CS8422 Datasheet HTML 48Page - Cirrus Logic CS8422 Datasheet HTML 49Page - Cirrus Logic CS8422 Datasheet HTML 50Page - Cirrus Logic CS8422 Datasheet HTML 51Page - Cirrus Logic CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
DS692PP1
49
CS8422
01 - replace the current audio sample with all zeros (mute).
10 - do not change the received audio sample.
11 - reserved
CHS – Sets which channel's C data is decoded in the Receiver Channel Status register (11h) (Default = ‘0’)
0 - A channel
1 - B channel
If CHS = 0 and TRUNC = 1, both channels' audio data will be truncated by the AUX[3:0] bits indicated in
the channel A Channel Status data. If CHS = 1 and TRUNC = 1, both channels' audio data will be trun-
cated by the AUX[3:0] bits indicated in the channel B Channel Status data. This will occur even if the
AUX[3:0] bits indicated in the channel A Channel Status data are not equal to the AUX[3:0] bits indicated
in the channel B Channel Status data.
DETCI - D to E status transfer inhibit
0 -Allow update
1 -Inhibit update
DEM_CNTL[2:0] – De-emphasis filter control. See Figure 25 for De-emphasis filter response.
000 - De-emphasis filter off.
001 - 32 kHz setting
010 - 44.1 kHz setting
011 - 48 kHz setting
100 - Auto-detect Sample Rate. If the PLL estimates that the incoming sample rate is below 49 kHz, de-
emphasis will be applied according to the Channel Status data of the incoming AES3 or S/PDIF data. If
the PLL estimates that the incoming sample rate is not below 49 kHz, de-emphasis will not be enabled. If
the incoming Channel Status data indicates that no de-emphasis should be applied, de-emphasis will not
be enabled. If data is detected as being non-audio, the de-emphasis filter will not be enabled.
Figure 25. De-Emphasis Filter Response
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com