Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 66Page - Cirrus Logic CS8422 Datasheet HTML 67Page - Cirrus Logic CS8422 Datasheet HTML 68Page - Cirrus Logic CS8422 Datasheet HTML 69Page - Cirrus Logic CS8422 Datasheet HTML 70Page - Cirrus Logic CS8422 Datasheet HTML 71Page - Cirrus Logic CS8422 Datasheet HTML 72Page - Cirrus Logic CS8422 Datasheet HTML 73Page - Cirrus Logic CS8422 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
70
DS692PP1
CS8422
13.PERFORMANCE PLOTS
Test conditions (unless otherwise specified): Measurement bandwidth is 20 Hz to Fso/2 Hz (unweighted);
VA = VL = V_REG = 3.3 V; XTI - XTO = 24.576 MHz; Input signal is a 0 dBFS 1 kHz sine wave; data resolution is
24 bits; Serial Audio Input and Output ports set to slave; Input and output clocks and data are asynchronous
.
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
10k
90k
20k
30k
40k
50k
60k
70k
80k
Hz
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2.5k
22.5k
5k
7. 5k
10k
12. 5k
15k
17. 5k
20k
Hz
Figure 37. Wideband FFT –
0 dBFS 1 kHz Tone, 48 kHz:48 kHz
Figure 38. Wideband FFT –
0dBFS 1kHz Tone, 44.1 kHz:192kHz
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2.5k
22.5k
5k
7. 5k
10k
12. 5k
15k
17. 5k
20k
Hz
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2k
22k
4k
6k
8k
10k
12k
14k
16k
18k
20k
Hz
Figure 39. Wideband FFT –
0 dBFS 1 kHz Tone, 44.1 kHz:48 kHz
Figure 40. Wideband FFT –
0dBFS 1kHz Tone, 48 kHz:44.1 kHz
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
5k
45k
10k
15k
20k
25k
30k
35k
40k
Hz
-200
+0
-190
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
2.5k
22.5k
5k
7. 5k
10k
12. 5k
15k
17. 5k
20k
Hz
Figure 41. Wideband FFT –
0 dBFS 1 kHz Tone, 48 kHz:96 kHz
Figure 42. Wideband FFT –
0 dBFS 1 kHz Tone, 96 kHz:48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com