Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 70Page - Cirrus Logic CS8422 Datasheet HTML 71Page - Cirrus Logic CS8422 Datasheet HTML 72Page - Cirrus Logic CS8422 Datasheet HTML 73Page - Cirrus Logic CS8422 Datasheet HTML 74Page - Cirrus Logic CS8422 Datasheet HTML 75Page - Cirrus Logic CS8422 Datasheet HTML 76Page - Cirrus Logic CS8422 Datasheet HTML 77Page - Cirrus Logic CS8422 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
74
DS692PP1
CS8422
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0 k
10 0k
12 0k
14 0k
16 0k
Hz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
Figure 61. THD+N vs. Output Sample Rate –
0 dBFS 1 kHz Tone, Fsi = 48 kHz
Figure 62. THD+N vs. Output Sample Rate –
0 dBFS 1 kHz Tone, Fsi = 96 kHz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0 k
10 0k
12 0k
14 0k
16 0k
Hz
Figure 63. THD+N vs. Output Sample Rate –
0dBFS 1kHz Tone, Fsi=44.1 kHz
Figure 64. Dynamic Range vs. Output Sample Rate –
-60 dBFS 1 kHz Tone, Fsi = 192 kHz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
-2 0 0
+0
-1 9 0
-1 8 0
-1 7 0
-1 6 0
-1 5 0
-1 4 0
-1 3 0
-1 2 0
-1 1 0
-1 0 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
d
B
F
S
40 k
18 0k
60 k
8 0k
1 0 0 k
1 2 0 k
14 0k
16 0k
Hz
Figure 65. THD+N vs. Output Sample Rate –
0 dBFS 1 kHz Tone, Fsi = 32 kHz
Figure 66. Dynamic Range vs. Output Sample Rate –
-60dBFS 1kHz Tone, Fsi=32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com