Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 37Page - Cirrus Logic CS8422 Datasheet HTML 38Page - Cirrus Logic CS8422 Datasheet HTML 39Page - Cirrus Logic CS8422 Datasheet HTML 40Page - Cirrus Logic CS8422 Datasheet HTML 41Page - Cirrus Logic CS8422 Datasheet HTML 42Page - Cirrus Logic CS8422 Datasheet HTML 43Page - Cirrus Logic CS8422 Datasheet HTML 44Page - Cirrus Logic CS8422 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
DS692PP1
41
CS8422
determines what the output sample rate will be based on the MCLK selected for SDOUT1, as shown in the
hardware control pin descriptions shown above. For SDOUT2, the output sample rate is dictated by the in-
coming AES3 data, and the master mode clock ratio determines the frequency of RMCK relative to the in-
coming AES3 sample rate. Note: if TDM Mode is selected for SDOUT1, then SDOUT1 cannot be set to
“Master, Fso = MCLK/128”.
SAOF pin
SDOUT1 Data Format
SDOUT2 Data Format
32.4 k
Ω ± 1% to GND
I²S 24-bit data
I²S
16.2 k
Ω ± 1% to GND
I²S 20-bit data
I²S
8.06 k
Ω ± 1% to GND
I²S 16-bit data
I²S
4.02 k
Ω ± 1% to GND
Left-Justified 24-bit data
Left-Justified
1.96 k
Ω ± 1% to GND
Left-Justified 20-bit data
Left-Justified
≤1.0 kΩ + 1% to GND
Left-Justified 16-bit data
Left-Justified
32.4 k
Ω ± 1% to VL
Right-Justified 24-bit data
(Master mode only)
Right-Justified
(Master mode only)
16.2 k
Ω ± 1% to VL
Right-Justified 20-bit data
(Master mode only)
Right-Justified
(Master mode only)
8.06 k
Ω ± 1% to VL
Right-Justified 16-bit data
(Master mode only)
Right-Justified
(Master mode only)
4.02 k
Ω ± 1% to VL
TDM Mode 24-bit data
I²S
1.96 k
Ω ± 1% to VL
TDM Mode 20-bit data
I²S
≤1.0 kΩ + 1% to VL
TDM Mode 16-bit data
I²S
Table 4. Hardware Mode Serial Audio Format Control
MS_SEL pin
SDOUT1
SDOUT2
127.0 k
Ω ± 1% to GND
Slave
Slave
RMCK = 256 x Fsi
63.4 k
Ω ± 1% to GND Master, Fso = MCLK/128
32.4 k
Ω ± 1% to GND Master, Fso = MCLK/256
16.2 k
Ω ± 1% to GND Master, Fso = MCLK/512
8.06 k
Ω ± 1% to GND
Slave
Master Mode,
RMCK = 128 x Fsi
4.02 k
Ω ± 1% to GND Master, Fso = MCLK/128
1.96 k
Ω ± 1% to GND Master, Fso = MCLK/256
≤1.0 kΩ + 1% to GND Master, Fso = MCLK/512
127.0 k
Ω ± 1% to VL
Slave
Master Mode,
RMCK = 256 x Fsi
63.4 k
Ω ± 1% to VL
Master, Fso = MCLK/128
32.4 k
Ω ± 1% to VL
Master, Fso = MCLK/256
16.2 k
Ω ± 1% to VL
Master, Fso = MCLK/512
8.06 k
Ω ± 1% to VL
Slave
Master Mode,
RMCK = 512 x Fsi
4.02 k
Ω ± 1% to VL
Master, Fso = MCLK/128
1.96 k
Ω ± 1% to VL
Master, Fso = MCLK/256
≤1.0 kΩ + 1% to VL
Master, Fso = MCLK/512
Table 5. Hardware Mode Serial Audio Port Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com