Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic CS8422 Datasheet HTML 55Page - Cirrus Logic CS8422 Datasheet HTML 56Page - Cirrus Logic CS8422 Datasheet HTML 57Page - Cirrus Logic CS8422 Datasheet HTML 58Page - Cirrus Logic CS8422 Datasheet HTML 59Page - Cirrus Logic CS8422 Datasheet HTML 60Page - Cirrus Logic CS8422 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
DS692PP1
57
CS8422
to 0, the error is masked, meaning that its occurrence will not affect the internal INT signal or the status reg-
ister. The bit positions align with the corresponding bits in Interrupt Status register. This register defaults to
00h.
The INT signal may be selected to output on the GPO pins. See Section 11.5 on page 50 for more details.
11.16 Interrupt Mode (10h)
The interrupt mode control in the behavior of the INT pin to RERR and SRC_UNLOCK interrupts. There are
three ways to set the INT pin active in accordance with the interrupt condition. In the Rising edge active
mode, the INT pin becomes active on the arrival of the interrupt condition. In the Falling edge active mode,
the INT pin becomes active on the removal of the interrupt condition. In Level active mode, the INT interrupt
pin becomes active during the interrupt condition. Be aware that the active level (Active High or Low) only
depends on the INT[1:0] bits. These registers default to 00h. The interrupts in the Interrupt Status register
not represented here are all rising edge active.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
11.17 Receiver Channel Status (11h)
The bits in this register can be associated with either channel A or B of the received data. The desired chan-
nel is selected with the CHS bit of “Receiver Data Control (04h)” on page 48.
AUX3:0 - Incoming auxiliary data field width, as indicated by the incoming channel status bits, decoded ac-
cording to IEC60958 and AES3.
0000 - Auxiliary data is not present.
0001 - Auxiliary data is 1 bit long.
0010 - Auxiliary data is 2 bits long.
0011 - Auxiliary data is 3 bits long.
0100 - Auxiliary data is 4 bits long.
0101 - Auxiliary data is 5 bits long.
0110 - Auxiliary data is 6 bits long.
0111 - Auxiliary data is 7 bits long.
1000 - Auxiliary data is 8 bits long.
1001 - 1111 Reserved
PRO - Channel status block format indicator
0 - Received channel status block is in the consumer format.
7
654
32
1
0
Reserved
Reserved
Reserved
Reserved
RERR1
RERR0
SRC_UNLOCK1
SRC_UNLOCK0
00
0
0
765
432
10
AUX3
AUX2
AUX1
AUX0
PRO
COPY
ORIG
EMPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com