Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 32Page - Cirrus Logic CS8422 Datasheet HTML 33Page - Cirrus Logic CS8422 Datasheet HTML 34Page - Cirrus Logic CS8422 Datasheet HTML 35Page - Cirrus Logic CS8422 Datasheet HTML 36Page - Cirrus Logic CS8422 Datasheet HTML 37Page - Cirrus Logic CS8422 Datasheet HTML 38Page - Cirrus Logic CS8422 Datasheet HTML 39Page - Cirrus Logic CS8422 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
36
DS692PP1
CS8422
RCBL (out)
VLRCK (out)
C/U (out)
C/U[0]
C/U[1]
C/U[383]
t
t
192 AES3 Frames
Figure 19. C/U Data Outputs
Note:
1.
RCBL will go high on the transition of the first output C/U data bit (C/U[0]) and will remain high until the C/U[0] - C/U[1] transition.
2.
VLRCK is a virtual word clock that is available through the GPO pins, and can be used to frame the C/U output.
3.
VLRCK frequency is always equal to the incoming frame rate of the AES3-compatible data. If there are an even number of OSCLK
periods per OLRCK, then the VLRCK duty cycle is 50%, otherwise it is 50% ± one OSCLK period.
4.
If a serial audio output port is sourced directly by the AES3-compatible receiver VLRCK = OLRCK in I²S Mode, and
VLRCK = OLRCK in left-justified and Right-Justified Modes.
5.
If a serial port is sourced directly by the AES3-compatible receiver, the data will transition on the fourth OSCLK falling edge after a
VLRCK edge and will be valid on VLRCK edges (t = 4 OSCLK period).
6.
If a serial port is not sourced directly by the AES3-compatible receiver (as in a sample rate conversion application), the data will
transition 1/64*Fsi after a VLRCK edge, and will be valid on VLRCK edges (t = 1/64*Fsi).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com