Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 64Page - Cirrus Logic CS8422 Datasheet HTML 65Page - Cirrus Logic CS8422 Datasheet HTML 66Page - Cirrus Logic CS8422 Datasheet HTML 67Page - Cirrus Logic CS8422 Datasheet HTML 68Page - Cirrus Logic CS8422 Datasheet HTML 69Page - Cirrus Logic CS8422 Datasheet HTML 70Page - Cirrus Logic CS8422 Datasheet HTML 71Page - Cirrus Logic CS8422 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
68
DS692PP1
CS8422
12.4.3
Serial Copy Management System (SCMS)
In Software Mode, the CS8422 allows read access to all the channel status bits. For consumer mode SCMS
compliance, the host microcontroller needs to read and interpret the Category Code, Copy bit and L bit ap-
propriately.
In Hardware Mode, the SCMS protocol can be followed by using the C bit serial output pin. See “Channel
Status and User Data Handling” on page 34 for more details.
12.5
Jitter Attenuation
Figure 35 shows the jitter attenuation characteristics of the CS8422 PLL. The AES3 and IEC60958-4 spec-
ifications state a maximum of 2 dB jitter gain.
10
2
10
3
10
4
10
5
10
6
10
7
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
2
Jitter Frequency (Hz)
Figure 35. CS8422 PLL Jitter Attenuation Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com