Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic CS8422 Datasheet HTML 55Page - Cirrus Logic CS8422 Datasheet HTML 56Page - Cirrus Logic CS8422 Datasheet HTML 57Page - Cirrus Logic CS8422 Datasheet HTML 58Page - Cirrus Logic CS8422 Datasheet HTML 59Page - Cirrus Logic CS8422 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
56
DS692PP1
CS8422
SORES2[1:0] - Resolution of the output data on SDOUT
00 - 24-bit resolution.
01 - 20-bit resolution.
10 - 18-bit resolution.
11 - 16-bit resolution
SOFSEL2[1:0] - Format of the output data on SDOUT
00 - Left-Justified
01 - I²S
10 - Right-Justified (Master mode only)
11 - AES3 Direct. Direct copy of the received NRZ data from the AES3 receiver including C, U, and V bits.
The time slot occupied by the Z bit is used to indicate the location of the block start. Only valid if serial port
source is the AES3-compatible receiver.
11.14 Receiver Error Unmasking (0Eh)
RECEIVER ERROR MASK[7:0]
The bits[7:0] in this register serve as masks for the corresponding bits of the Receiver Error Register. If a
mask bit is set to 1, the error is unmasked, meaning that its occurrence will appear in the receiver error reg-
ister, will affect RERR[6:0], will affect the RERR interrupt, and will affect the current audio sample according
to the status of the HOLD bit. If a mask bit is set to 0, the error is masked, meaning that its occurrence will
not appear in the receiver error register, will not affect the RERR pin, will not affect the RERR interrupt, and
will not affect the current audio sample. The ACTIVE, CCRC, and QCRC bits behave differently from the
other bits: they do not affect the current audio sample even when unmasked. If QCRC, CCRC, CONF, BIP,
or PARM are unmasked, and RERRM in register 0Fh is unmasked, then RERR[1:0] should be set to “Rising
Edge Active” in the Interrupt Mode register (register 10h). This register defaults to 00h.
11.15 Interrupt Unmasking (0Fh)
The bits of this register serve as a mask for the Interrupt Status register. If a mask bit is set to 1, the error
is unmasked, meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set
0010
128
64
128
0011
192
48
96
0100
256
64
128
0101
384
48
96
0110
512
64
128
0111
768
48
96
1000
1024
64
128
76
543
210
ACTIVEM
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
0
000
000
7
6
5
432
1
0
PCCHM
OSLIPM
DETCM
CCHM
RERRM
QCHM
FCHM
SRC_UNLOCKM
0
0
0
000
0
0
Table 10. OSCLK2/OLRCK2 Ratios and SOSF1 Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com