Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 13Page - Cirrus Logic CS8422 Datasheet HTML 14Page - Cirrus Logic CS8422 Datasheet HTML 15Page - Cirrus Logic CS8422 Datasheet HTML 16Page - Cirrus Logic CS8422 Datasheet HTML 17Page - Cirrus Logic CS8422 Datasheet HTML 18Page - Cirrus Logic CS8422 Datasheet HTML 19Page - Cirrus Logic CS8422 Datasheet HTML 20Page - Cirrus Logic CS8422 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
DS692PP1
17
CS8422
SWITCHING SPECIFICATIONS
Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF.
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width (Note 7)
1-
-
ms
PLL Clock Recovery Sample Rate Range (Note 8)
28
-
216
kHz
RMCK Output Jitter (Note 9)
Differential RX Mode
Single-Ended RX Mode
-
-
200
475
-
-
ps RMS
ps RMS
RMCK Output Duty Cycle
45
50
55
%
XTI Frequency
Crystal
12
-
27.000
MHz
Digital Clock Source
1.024
-
49.152
MHz
XTI Pulse Width High/Low
9-
-
ns
MCLK_OUT Duty Cycle
45
-
55
%
VL = 3.3V, 5V
RMCK Output Frequency
-
-
49.152
MHz
MCLK_OUT Frequency
-
-
49.152
MHz
Slave Mode
ISCLK Frequency
-
-
49.152
MHz
ISCLK High Time
tsckh
9.2
-
-
ns
ISCLK Low Time
tsckl
9.2
-
-
ns
OSCLK Frequency
--
26.9
MHz
OSCLK High Time
tsckh
16.7
-
-
ns
OSCLK Low Time
tsckl
16.7
-
-
ns
I/OLRCK Edge to I/OSCLK Rising Edge
tlcks
5.7
-
-
ns
I/OSCLK Rising Edge to I/OLRCK Edge
tlckd
4.2
-
-
ns
OSCLK Falling Edge/OLRCK Edge to SDOUT Output
Valid
tdpd
--
13.7
ns
SDIN/TDM_IN Setup Time Before I/OSCLK Rising Edge
tds
2.2
-
-
ns
SDIN/TDM_IN Hold Time After I/OSCLK Rising Edge
tdh
5.5
-
-
ns
TDM Mode OLRCK High Time (Note 10)
tlrckh
20
-
-
ns
TDM Mode OLRCK Rising Edge to OSCLK Rising Edge
tfss
5.3
-
-
ns
TDM Mode OSCLK Rising Edge to OLRCK Falling Edge
tfsh
4.2
-
-
ns
Master Mode
I/OSCLK Frequency (non-TDM Mode)
48*Fsi/o
-
128*Fsi/o
MHz
I/OLRCK Duty Cycle
49.5
-
50.5
%
I/OSCLK Duty Cycle
45
-
55
%
I/OSCLK Falling Edge to I/OLRCK Edge
tlcks
--
4.2
ns
OSCLK Falling Edge to SDOUT Output Valid
tdpd
--
4.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com