Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 49Page - Cirrus Logic CS8422 Datasheet HTML 50Page - Cirrus Logic CS8422 Datasheet HTML 51Page - Cirrus Logic CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic CS8422 Datasheet HTML 55Page - Cirrus Logic CS8422 Datasheet HTML 56Page - Cirrus Logic CS8422 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
DS692PP1
53
CS8422
00 - Sample Rate Converter
01 - AES3 Receiver Output
10 - SDIN (SDIN and SDOUT should be synchronous)
11 - Reserved
SDOUT2[1:0] - Controls the data source for SDOUT2
00 - Sample Rate Converter
01 - AES3 Receiver Output
10 - SDIN (SDIN and SDOUT should be synchronous)
11 - Reserved
MUTESAO1 - Mute control for the serial audio output port 1
0 - SDOUT1 not muted
1 - SDOUT1 muted (set to all zeros)
MUTESAO2 - Mute control for the serial audio output port 2
0 - SDOUT2 not muted.
1 - SDOUT2 muted (set to all zeros).
SRCD - Controls the data source of the sample rate converter
0 - Serial Audio Input Port (SDIN)
1 - AES3 Receiver Output
11.11 Serial Audio Input Data Format (0Bh)
SIMS - Master/Slave Mode Selector
0 - Serial audio input port is in slave mode. ISCLK and ILRCK are inputs.
1 - Serial audio input port is in master mode. ISCLK and ILRCK are outputs.
SISF - ISCLK Frequency. Valid only in master mode (SIMS = 1). Should be changed when PDN = 1. See
Table 8 for details.
7654
321
0
SIMS
SISF
SIFSEL2
SIFSEL1
SIFSEL0
Reserved
Reserved
Reserved
0000
0
SAI_CLK[3:0]
MCLK/ILRCK Ratio
ISCLK/ILRCK Ratio
SISF = 0
SISF = 1
0000
64
64
INVALID
0001
96
48
96
0010
128
64
128
0011
192
48
96
0100
256
64
128
Table 8. ISCLK/ILRCK Ratios and SISF Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com