Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY167 Datasheet (PDF) - ATMEL Corporation

ATTINY167 Datasheet PDF - ATMEL Corporation
Part # ATTINY167
Download  ATTINY167 Download
File Size   73.24 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller

ATTINY167 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY167 Datasheet PDF - ATMEL Corporation

Part # ATTINY167
Download  ATTINY167 Click to download

File Size   73.24 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller

ATTINY167 Datasheet (HTML) - ATMEL Corporation


ATTINY167 Product details

Description
The ATtiny87/167 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny87/167 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two inde pendent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 123 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• Non-volatile Program and Data Memories
   – 8K/16K Bytes of In-System Programmable Flash Program Memory
• Endurance: 10,000 Write/Erase Cycles
   – 512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
   – 512 Bytes of Internal SRAM
   – Data retention: 20 Years at 85°C / 100 Years at 25°C
   – In-System Programmable via SPI Port
   – Low size LIN/UART Software In-System Programmable
   – Programming Lock for Software Security
• Peripheral Features
   – LIN 2.1 and 1.3 Controller or 8-Bit UART
   – One 8-bit Asynchronous Timer/Counter with Prescaler
• Output Compare or 8-bit PWM Channel
   – One 16-bit Synchronous Timer/Counter with Prescaler
• External Event Counter
• 2 Output Compare Units or PWM Channels each Driving up to 4 Output Pins
   – Master/Slave SPI Serial Interface
   – Universal Serial Interface with Start Condition Detector
   – 10-bit ADC
• 11 Single Ended Channels
• 8 Differential ADC Channel Pairs with Programmable Gain (8x or 20x)
   – On-chip Analog Comparator with Selectable Voltage Reference
   – 100µA ±10% Current Source for LIN Node Identification
   – On-chip Temperature Sensor
   – Programmable Watchdog Timer with Separate On-chip Oscillator
• Special Microcontroller Features
   – Software Controlled Clock Switching for Power Control, EMC Reduction
   – debugWIRE On-chip Debug System
   – External and Internal Interrupt Sources
   – Low Power Idle, ADC Noise Reduction, and Power-down Modes
   – Power-on Reset and Programmable Brown-out Detection
   – Internal 8MHz Calibrated Oscillator
   – 4-16 MHz and 32 KHz Crystal/Ceramic Resonator Oscillators
• I/O and Packages
   – 16 Programmable I/O Lines
   – 20-pin SOIC, 32-pad MLF and 20-pin TSSOP
• Operating Voltage:
   – 1.8 – 5.5V for ATtiny87/167
   • Speed Grade:
   – 0 – 4 MHz @ 1.8 – 5.5V
   – 0 – 8 MHz @ 2.7 – 5.5V
   – 0 – 16 MHz @ 4.5 – 5.5V
• Industrial Temperature Range




Similar Part No. - ATTINY167

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny167 ATMEL-ATtiny167 Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny167 ATMEL-ATtiny167 Datasheet
270Kb / 10P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY167 ATMEL-ATTINY167 Datasheet
5Mb / 292P
8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny167 ATMEL-ATtiny167 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
ATtiny167-15MD ATMEL-ATtiny167-15MD Datasheet
270Kb / 10P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Similar Description - ATTINY167

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY87 ATMEL-ATTINY87 Datasheet
4Mb / 282P
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY87 ATMEL-ATTINY87_10 Datasheet
5Mb / 292P
8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY87-A15XZ ATMEL-ATTINY87-A15XZ Datasheet
5Mb / 283P
Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com