Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY167 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY167
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY167 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY167 Datasheet HTML 1Page - ATMEL Corporation ATTINY167 Datasheet HTML 2Page - ATMEL Corporation ATTINY167 Datasheet HTML 3Page - ATMEL Corporation ATTINY167 Datasheet HTML 4Page - ATMEL Corporation ATTINY167 Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
7728AS–AUTO–07/08
ATtiny167
1.
Description
1.1
Part Description
The ATtiny167 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny167 achieves
throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power con-
sumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATtiny167 provides the following features: 16K byte of In-System Programmable Flash, 512
bytes EEPROM, 512 bytes SRAM, 16 general purpose I/O lines, 32 general purpose working
registers, one 8-bit Timer/Counter with compare modes, one 8-bit high speed Timer/Counter,
Universal Serial Interface, a LIN controller, Internal and External Interrupts, a 4-channel, 10-bit
ADC, a programmable Watchdog Timer with internal Oscillator, and three software selectable
power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counter,
ADC, Analog Comparator, and Interrupt system to continue functioning. The Power-down mode
saves the register contents, disabling all chip functions until the next Interrupt or Hardware
Reset. The ADC Noise Reduction mode stops the CPU and all I/O modules except ADC, to min-
imize switching noise during ADC conversions.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code
running on the AVR core. The Boot program can use any interface to download the application
program in the Flash memory. By combining an 8-bit RISC CPU with In-System Self-Program-
mable Flash on a monolithic chip, the Atmel ATtiny167 is a powerful microcontroller that
provides a highly flexible and cost effective solution to many embedded control applications.
The ATtiny167 AVR is supported with a full suite of program and system development tools
including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators,
and Evaluation kits.
1.2
Automotive Quality Grade
The ATtiny167 have been developed and manufactured according to the most stringent require-
ments of the international standard ISO-TS-16949. This data sheet contains limit values
extracted from the results of extensive characterization (temperature and voltage). The quality
and reliability of the ATtiny167 have been verified during regular product qualification as per
AEC-Q100 grade 1.
As indicated in the ordering information paragraph, the products are available in only one tem-
perature grade as listed in Table 1-1.
Table 1-1.
Temperature Grade Identification for Automotive Products
Temperature
Temperature
Identifier
Comments
-40°C / +125°C
Z
Automotive Temperature Range



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com