Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY13A Datasheet (PDF) - ATMEL Corporation

ATTINY13A Datasheet PDF - ATMEL Corporation
Part # ATTINY13A
Download  ATTINY13A Download
File Size   462.21 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 1K Bytes In-System Programmable Flash

ATTINY13A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY13A Datasheet PDF - ATMEL Corporation

Part # ATTINY13A
Download  ATTINY13A Click to download

File Size   462.21 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 1K Bytes In-System Programmable Flash

ATTINY13A Datasheet (HTML) - ATMEL Corporation


ATTINY13A Product details

Features

• High Performance, Low Power AVR® 8-Bit Microcontroller

• Advanced RISC Architecture

– 120 Powerful Instructions – Most Single Clock Cycle Execution

– 32 x 8 General Purpose Working Registers

– Fully Static Operation

– Up to 20 MIPS Througput at 20 MHz

• High Endurance Non-volatile Memory segments

– 1K Bytes of In-System Self-programmable Flash program memory

– 64 Bytes EEPROM

– 64 Bytes Internal SRAM

– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM

– Data retention: 20 Years at 85°C/100 Years at 25°C (see page 6)

– Programming Lock for Self-Programming Flash & EEPROM Data Security

• Peripheral Features

– One 8-bit Timer/Counter with Prescaler and Two PWM Channels

– 4-channel, 10-bit ADC with Internal Voltage Reference

– Programmable Watchdog Timer with Separate On-chip Oscillator

– On-chip Analog Comparator

• Special Microcontroller Features

– debugWIRE On-chip Debug System

– In-System Programmable via SPI Port

– External and Internal Interrupt Sources

– Low Power Idle, ADC Noise Reduction, and Power-down Modes

– Enhanced Power-on Reset Circuit

– Programmable Brown-out Detection Circuit with Software Disable Function

– Internal Calibrated Oscillator

• I/O and Packages

– 8-pin PDIP/SOIC: Six Programmable I/O Lines

– 10-pad MLF: Six Programmable I/O Lines

– 20-pad MLF: Six Programmable I/O Lines

• Operating Voltage: – 1.8 – 5.5V

• Speed Grade:

– 0 – 4 MHz @ 1.8 – 5.5V

– 0 – 10 MHz @ 2.7 – 5.5V

– 0 – 20 MHz @ 4.5 – 5.5V

• Industrial Temperature Range

• Low Power Consumption

– Active Mode:

           • 190 µA at 1.8 V and 1 MHz

–Idle Mode:

            • 24 µA at 1.8 V and 1 MHz




Similar Part No. - ATTINY13A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny13A ATMEL-ATtiny13A Datasheet
3Mb / 174P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
605Kb / 20P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
logo
Microchip Technology
ATTINY13A MICROCHIP-ATTINY13A Datasheet
3Mb / 189P
tinyAVR짰 Data Sheet
02/28/20
logo
ATMEL Corporation
ATtiny13A-MMU ATMEL-ATtiny13A-MMU Datasheet
3Mb / 174P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A-MMU ATMEL-ATTINY13A-MMU Datasheet
605Kb / 20P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results


Similar Description - ATTINY13A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 169P
8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com