Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY13A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATTINY13A
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13A Datasheet(HTML) 2 Page - ATMEL Corporation

  ATTINY13A Datasheet HTML 1Page - ATMEL Corporation ATTINY13A Datasheet HTML 2Page - ATMEL Corporation ATTINY13A Datasheet HTML 3Page - ATMEL Corporation ATTINY13A Datasheet HTML 4Page - ATMEL Corporation ATTINY13A Datasheet HTML 5Page - ATMEL Corporation ATTINY13A Datasheet HTML 6Page - ATMEL Corporation ATTINY13A Datasheet HTML 7Page - ATMEL Corporation ATTINY13A Datasheet HTML 8Page - ATMEL Corporation ATTINY13A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
8126BS–AVR–12/08
ATtiny13A
1.
Pin Configurations
Figure 1-1.
Pinout of ATtiny13A
1
2
3
4
8
7
6
5
(PCINT5/RESET/ADC0/dW) PB5
(PCINT3/CLKI/ADC3) PB3
(PCINT4/ADC2) PB4
GND
VCC
PB2 (SCK/ADC1/T0/PCINT2)
PB1 (MISO/AIN1/OC0B/INT0/PCINT1)
PB0 (MOSI/AIN0/OC0A/PCINT0)
8-PDIP/SOIC
1
2
3
4
5
20-QFN/MLF
15
14
13
12
11
(PCINT5/RESET/ADC0/dW) PB5
(PCINT3/CLKI/ADC3) PB3
DNC
DNC
(PCINT4/ADC2) PB4
VCC
PB2 (SCK/ADC1/T0/PCINT2)
DNC
PB1 (MISO/AIN1/OC0B/INT0/PCINT1)
PB0 (MOSI/AIN0/OC0A/PCINT0)
NOTE: Bottom pad should be soldered to ground.
DNC: Do Not Connect
1
2
3
4
5
10-QFN/MLF
10
9
8
7
6
(PCINT5/RESET/ADC0/dW) PB5
(PCINT3/CLKI/ADC3) PB3
DNC
(PCINT4/ADC2) PB4
GND
VCC
PB2 (SCK/ADC1/T0/PCINT2)
DNC
PB1 (MISO/AIN1/OC0B/INT0/PCINT1)
PB0 (MOSI/AIN0/OC0A/PCINT0)
NOTE: Bottom pad should be soldered to ground.
DNC: Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com