Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA01 Datasheet (PDF) - Cirrus Logic

PA01 Datasheet PDF - Cirrus Logic
Part # PA01
Download  PA01 Download
File Size   343.64 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA01 Datasheet PDF - Cirrus Logic

Part # PA01
Download  PA01 Click to download

File Size   343.64 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA01 Datasheet (HTML) - Cirrus Logic


PA01 Product details

DESCRIPTION
The PA01 and PA73 are high voltage, high output current operational amplifers designed to drive resistive, inductive and capacitive loads. For optimum linearity, the PA01 has a class A/B output stage. The PA73 has a simple class C output stage (see Note 1) to reduce cost for motor control and other applications where crossover distortion is not critical and to provide interchangeability with type 3573 amplifers. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limit resistors. These amplifers are internally compensated for all gain settings. For continuous operation under load, a heatsink of proper rating is recommended.

FEATURES
• LOW COST, ECONOMY MODEL — PA01
• HIGH OUTPUT CURRENT — Up to ±5A PEAK
• EXCELLENT LINEARITY — PA01
• HIGH SUPPLY VOLTAGE — Up to ±30V
• ISOLATED CASE — 300V

APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 4A
• POWER TRANSDUCERS UP TO 20kHz
• TEMPERATURE CONTROL UP TO 180W
• PROGRAMMABLE POWER SUPPLIES UP TO 48V
• AUDIO AMPLIFIERS UP TO 50W RMS




Similar Part No. - PA01

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA01 APEX-PA01 Datasheet
254Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA01 CIRRUS-PA01 Datasheet
206Kb / 5P
Power Operational Amplifier
logo
Proto Advantage SMD Ada...
PA0100 PROTOADVANTAGE-PA0100 Datasheet
49Kb / 2P
LGA-16 to DIP-16 SMT Adapter (1 mm pitch, 4.4 x 7.5 mm body)
revision 1.0
PA0100-S PROTOADVANTAGE-PA0100-S Datasheet
42Kb / 1P
LGA-16 Stencil (1 mm pitch, 4.4 x 7.5 mm body)
revision 1.0
PA0101 PROTOADVANTAGE-PA0101 Datasheet
49Kb / 2P
LGA-14 to DIP-14 SMT Adapter (0.8 mm pitch, 3 x 5 mm body)
revision 1.0
More results


Similar Description - PA01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com