Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C64B Datasheet (PDF) - ATMEL Corporation

AT24C64B Datasheet PDF - ATMEL Corporation
Part # AT24C64B_07
Download  AT24C64B Download
File Size   352.91 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM 64K (8192 x 8)

AT24C64B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C64B Datasheet PDF - ATMEL Corporation

Part # AT24C64B_07
Download  AT24C64B Click to download

File Size   352.91 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM 64K (8192 x 8)

AT24C64B Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT24C64B_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64B-10PI-1.8 ATMEL-AT24C64B-10PI-1.8 Datasheet
295Kb / 17P
2 WIRE SERIAL EEPROM
AT24C64B-10SI-2.7 ATMEL-AT24C64B-10SI-2.7 Datasheet
295Kb / 17P
2 WIRE SERIAL EEPROM
AT24C64B-10SU-1.8 ATMEL-AT24C64B-10SU-1.8 Datasheet
295Kb / 17P
2 WIRE SERIAL EEPROM
AT24C64B-10TI-1.8 ATMEL-AT24C64B-10TI-1.8 Datasheet
295Kb / 17P
2 WIRE SERIAL EEPROM
AT24C64B-10TU-1.8 ATMEL-AT24C64B-10TU-1.8 Datasheet
295Kb / 17P
2 WIRE SERIAL EEPROM
More results


Similar Description - AT24C64B_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
64K (8192 words x 8 bits) SRAM?
logo
ATMEL Corporation
AT24C1024 ATMEL-AT24C1024 Datasheet
291Kb / 19P
2-wire Serial EEPROM 1M (131,072 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
216Kb / 20P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
logo
Holtek Semiconductor In...
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
CMOS 64K 2-WIRE SERIAL EEPROM
January 5, 2005
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
E-CMOS Corporation
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
64K-bit 2-WIRE SERIAL EEPROM
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com