Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC64 Datasheet (PDF) - Holtek Semiconductor Inc

HT24LC64 Datasheet PDF - Holtek Semiconductor Inc
Part # HT24LC64
Download  HT24LC64 Download
File Size   487.07 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 64K 2-WIRE SERIAL EEPROM

HT24LC64 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT24LC64 Datasheet PDF - Holtek Semiconductor Inc

Part # HT24LC64
Download  HT24LC64 Click to download

File Size   487.07 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 64K 2-WIRE SERIAL EEPROM

HT24LC64 Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT24LC64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT24LC02 HOLTEK-HT24LC02 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02 HOLTEK-HT24LC02 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
More results


Similar Description - HT24LC64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
logo
ATMEL Corporation
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
2-Wire Serial EEPROM 64K (8192 x 8)
logo
Sanyo Semicon Device
LE24CB642 SANYO-LE24CB642_10 Datasheet
134Kb / 12P
Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642MC SANYO-LE24CB642MC Datasheet
989Kb / 14P
Two Wire Serial Interface EEPROM(64k EEPROM)
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
EC24C64B E-CMOS-EC24C64B Datasheet
635Kb / 12P
64K-bit 2-WIRE SERIAL EEPROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com