Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC64 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC64
Description  CMOS 64K 2-WIRE SERIAL EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC64 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HT24LC64
Rev. 1.00
4
January 5, 2005
The 8th bit device address is the read/write operation
select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
If the comparison of the device address succeed the
EEPROM will output a zero at ACK bit. If not, the chip will
return to a standby state.
Write Operations
· Byte write
A write operation requires an 8-bit data word address
following the device address word and acknowledg-
ment. Upon receipt of this address, the EEPROM will
again respond with a zero and then clock in the first
8-bit data word. After receiving the 8-bit data word, the
EEPROM will output a zero and the addressing de-
vice, such as a microcontroller, must terminate the
write sequence with a stop condition. At this time the
EEPROM enters an internally-timed write cycle to the
nonvolatile memory. All inputs are disabled during this
write cycle and EEPROM will not respond until the
write operation is completed (refer to Byte write tim-
ing).
· Page write
The 64K EEPROM is capable of a 32-byte page write.
A page write is initiated in the same way as a byte
write, but the microcontroller does not send a stop
condition after the first data word is clocked in. In-
stead, after the EEPROM acknowledges the receipt of
the first data word, the microcontroller can transmit up
to 31 more data words. The EEPROM will respond
with a zero after each data word received. The
microcontroller must terminate the page write se-
quence with a stop condition (refer to Page write tim-
ing).
The data word address lower 5 bits are internally in-
cremented following the receipt of each data word.
The higher data word address bits are not incre-
mented, retaining the memory page row location.
When the word address, internally generated,
reaches the page boundary, the following byte is
placed at the beginning of the same page. If more
than 32 data words are transmitted to the EEPROM,
the data word address will
²roll over² and previous
data will be overwritten.
· Acknowledge polling
To maximize bus throughput, one technique is to allow
the master to poll for an acknowledge signal after the
start condition and the control byte for a write com-
mand have been sent. If the device is still busy imple-
menting its write cycle, then no ACK will be returned.
The master can send the next read/write command
when the ACK signal has finally been received.
R / W
1
0
A 2
A 1
A 0
D e v i c e A d d r e s s
1
0
Device Address
D e v i c e A d d r e s s
F i r s t W o r d A d d r e s s
S D A L i n e
A 2 A 1 A 0
S e c o n d W o r d A d d r e s s
D a t a
Byte Write Timing
D e v i c e A d d r e s s
F i r s t W o r d A d d r e s s ( n )
S D A L i n e
A 2 A 1 A 0
S e c o n d W o r d A d d r e s s ( n )
D a t a ( n + x )
D a t a ( n )
N o t e : * = D o n ' t c a r e b i t s
Page Write Timing
S e n d W r i t e C o m m a n d
S e n d S t o p C o n d i t i o n
t o I n i t i a t e W r i t e C y c l e
S e n d S t a r t
S e n d C o n t r o l B y t e
w i t h R / W = 0
( A C K = 0 ) ?
N e x t O p e r a t i o n
N o
Y e s
Acknowledge Polling Flow



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com