Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40KEL040 Datasheet (PDF) - ATMEL Corporation

AT40KEL040 Datasheet PDF - ATMEL Corporation
Part # AT40KEL040
Download  AT40KEL040 Download
File Size   780.9 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard Reprogrammable FPGAs with FreeRAM

AT40KEL040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT40KEL040 Datasheet PDF - ATMEL Corporation

Part # AT40KEL040
Download  AT40KEL040 Click to download

File Size   780.9 Kbytes
Page   42 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard Reprogrammable FPGAs with FreeRAM

AT40KEL040 Datasheet (HTML) - ATMEL Corporation


AT40KEL040 Product details

Description
The AT40KEL040 is a fully PCI-compliant, SRAM-based FPGA with distributed 18 ns programmable synchronous/asynchronous, dual port/single port SRAM, 8 global clocks, Cache Logic ability (partially or fully reconfigurable without loss of data), automatic component generators, and 46,000 ASIC gates. I/O counts range from 129 to 384 in Aerospace standard packages and support 3.3V.

Features
• SRAM based FPGA Dedicated to Space Use
• SEE Hardened Cells (configuration RAM, FreeRAM, DFF, JTAG, I/O buffers) Remove the need for Triple Modular Redundancy (TMR)
• Produced on Rad Hard 0.35µm CMOS Process
• Functionally and Pin Compatible with the Atmel Commercial and Military AT40K Series
• High Performance
   – 46K Available ASIC gates (50% typ. routable)
   – 60 MHz Internal Performance
   – 20 MHz System Performance
   – 30 MHz Array Multipliers
   – 18 ns FreeRAM™ access time
   – Internal Tri-state Capability in Each Cell
• FreeRAM
   – 18432 Bits of Distributed SRAM Independent of Logic Cells
   – Flexible, Single/Dual Port, Synchronous/Asynchronous 32x4 RAM blocks
• 8 Global Clocks and 4 Additional Dedicated PCI Clocks
   – Fast, Low Skew Clock Distribution
   – Programmable Rising/Falling Edge Transitions
   – Distributed Clock Shutdown Capability for Low Power Management
• Global Reset Option
• 384 PCI Compliant I/Os
   – Programmable Output Drive
   – Fast, Flexible Array Access Facilitates Pin Locking
• Package Options
   – MQFPF160
   – MQFPF256
• Design Software (System Designer)
   – Combination of Atmel internally developed tools, and industry standard design tools
   – Fast and Efficient Synthesis
   – Efficient Integration (Libraries, Interface, Full Back-annotation)
   – Over 75 Automatic Component Generators Create Thousands of Speed and Area Optimized Logic and RAM Functions
   – Automatic/Interactive Multi-chip Partitioning
• Supply Voltage 3.3V
• AT40KFL040 is a 5V Tolerant Version
• No Single Event Latch-up below a LET Threshold of 70 MeV/mg/cm2
• Tested up to a Total Dose of 300 krads (Si) according to MIL STD 883 Method 1019
• Quality Grades
   – QML -Q and -V with SMD 5962-03250
   – ESCC with 9304/008
• Design Kit (AT40KEL-DK) Including:
   – A Board with the RH FPGA (MQFPF160 or MQFPF256)
   – A configuration memory (AT17 Atmel EEPROM)
   – Design software and documentation
   – ISP cable and software
• Easy Migration to Atmel Gate Arrays for High Volume Production




Similar Part No. - AT40KEL040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40KEL040 ATMEL-AT40KEL040 Datasheet
781Kb / 42P
SRAM based FPGA Dedicated to Space Use
AT40KEL040 ATMEL-AT40KEL040_14 Datasheet
781Kb / 42P
SRAM based FPGA Dedicated to Space Use
More results


Similar Description - AT40KEL040

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
RAD-HARD QUAD BILATERAL SWITCH
14-May-2004
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
logo
ATMEL Corporation
AT40KAL ATMEL-AT40KAL Datasheet
646Kb / 38P
Military Reprogrammable FPGAs with FreeRAM
ATF280E ATMEL-ATF280E Datasheet
1Mb / 45P
Rad Hard Reprogrammable FPGA
logo
Sensitron
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
ATMEL Corporation
ATF280F ATMEL-ATF280F_14 Datasheet
5Mb / 107P
Rad-Hard Reprogrammable FPGA
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com