Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40KAL Datasheet (PDF) - ATMEL Corporation

AT40KAL Datasheet PDF - ATMEL Corporation
Part # AT40KAL
Download  AT40KAL Download
File Size   646.09 Kbytes
Page   38 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Military Reprogrammable FPGAs with FreeRAM

AT40KAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AT40KAL Datasheet PDF - ATMEL Corporation

Part # AT40KAL
Download  AT40KAL Click to download

File Size   646.09 Kbytes
Page   38 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Military Reprogrammable FPGAs with FreeRAM

AT40KAL Datasheet (HTML) - ATMEL Corporation


AT40KAL Product details

Description
The AT40KAL is a family of fully PCI-compliant, SRAM-based FPGAs with distributed 14 ns programmable synchronous/asynchronous, dual port/single port SRAM, 8 global clocks, Cache Logic ability (partially or fully reconfigurable without loss of data), automatic component generators, and 50,000 usable gates. I/O counts range from 128 to 384 in Aerospace standard packages and support 3.3V.

Features
• Functionally and Pin Compatible with the Atmel Rad Hard AT40KAL Series
• Ultra High Performance
   – System Speeds to 85 MHz
   – Array Multipliers > 45 MHz
   – 14 ns Flexible SRAM
   – Internal Tri-state Capability in Each Cell
• FreeRAM™
   – Flexible, Single/Dual Port, Sync/Async 14 ns SRAM
   – 18432 Bits of Distributed SRAM Independent of Logic Cells for AT40KAL
• 384 PCI Compliant I/Os
   – Programmable Output Drive
   – Fast, Flexible Array Access Facilitates Pin Locking
• 8 Global Clocks
   – Fast, Low Skew Clock Distribution
   – Programmable Rising/Falling Edge Transitions
   – Distributed Clock Shutdown Capability for Low Power Management
   – Global Reset/Asynchronous Reset Options
   – 4 Additional Dedicated PCI Clocks
• Cache Logic® Dynamic Full/Partial Reconfigurability In-System
   – Unlimited Reprogrammability via Serial or Parallel Modes
   – Enables Adaptive Designs
   – Enables Fast Vector Multiplier Updates
   – Quick-Change™ Tools for Fast, Easy Design Changes
• Package Options
   – MQFPF160
• Industry-standard Design Tools
   – Seamless Integration (Libraries, Interface, Full Back-annotation) with Exemplar™, Mentor®, Synplicity®
   – Timing Driven Placement & Routing
   – Automatic/Interactive Multi-chip Partitioning
   – Fast, Efficient Synthesis
   – Over 75 Automatic Component Generators Create 1000s of Reusable, Fully Deterministic Logic and RAM Functions
• Intellectual Property Cores
   – Fir Filters, UARTs, PCI, FFT and Other System Level Functions
• Easy Migration to Atmel Gate Arrays for High Volume Production
• Supply Voltage 3.3V
• Design Tools
   – ATDH40M: Mother Board
   – ATDH40D160M: Daughter Board for MQFPF160
   – ATDS2100PC: IDS Software Design Kit
   – ATDH 2225: AT17 Series Configuration Memory ISP Downloadable
• QML Q Quality Grade




Similar Part No. - AT40KAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K ATMEL-AT40K Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
AT40K05-2AJC ATMEL-AT40K05-2AJC Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05-2AJI ATMEL-AT40K05-2AJI Datasheet
1Mb / 67P
5K - 50K Gates Coprocessor FPGA with FreeRAM
More results


Similar Description - AT40KAL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40KEL040 ATMEL-AT40KEL040 Datasheet
780Kb / 42P
Rad Hard Reprogrammable FPGAs with FreeRAM
logo
Actel Corporation
A3P1000-1FGG144M ACTEL-A3P1000-1FGG144M Datasheet
5Mb / 181P
Military ProASIC3/EL Low-Power Flash FPGAs
logo
Microsemi Corporation
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Xilinx, Inc
XQ2V1000 XILINX-XQ2V1000 Datasheet
2Mb / 127P
QPro Virtex-II 1.5V Military QML Platform FPGAs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com