Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet (PDF) - ATMEL Corporation

AT40K Datasheet PDF - ATMEL Corporation
Part # AT40K
Download  AT40K Download
File Size   1589.95 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5K - 50K Gates Coprocessor FPGA with FreeRAM

AT40K Datasheet (PDF)

Go To PDF Page Download Datasheet
AT40K Datasheet PDF - ATMEL Corporation

Part # AT40K
Download  AT40K Click to download

File Size   1589.95 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5K - 50K Gates Coprocessor FPGA with FreeRAM

AT40K Datasheet (HTML) - ATMEL Corporation


AT40K Product details

Description
The AT40K/AT40KLV is a family of fully PCI-compliant, SRAM-based FPGAs with distributed 10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM, 8 global clocks, Cache Logic ability (partially or fully reconfigurable without loss of data), automatic component generators, and range in size from 5,000 to 50,000 usable gates. I/O counts range from 128 to 384 in industry standard packages ranging from 84-pin PLCC to 352-ball Square BGA, and support 5V designs for AT40K and 3.3V designs for AT40KLV.

Features
• Ultra High Performance
    – System Speeds to 100 MHz
    – Array Multipliers > 50 MHz
    – 10 ns Flexible SRAM
    – Internal Tri-state Capability in Each Cell
• FreeRAM™
    – Flexible, Single/Dual Port, Synchronous/Asynchronous 10 ns SRAM
    – 2,048 - 18,432 Bits of Distributed SRAM Independent of Logic Cells
• 128 - 384 PCI Compliant I/Os
    – 3V/5V Capability
    – Programmable Output Drive
    – Fast, Flexible Array Access Facilitates Pin Locking
    – Pin-compatible with XC4000, XC5200 FPGAs
• 8 Global Clocks
    – Fast, Low Skew Clock Distribution
    – Programmable Rising/Falling Edge Transitions
    – Distributed Clock Shutdown Capability for Low Power Management
    – Global Reset/Asynchronous Reset Options
    – 4 Additional Dedicated PCI Clocks
• Cache Logic® Dynamic Full/Partial Re-configurability In-System
    – Unlimited Re-programmability via Serial or Parallel Modes
    – Enables Adaptive Designs
    – Enables Fast Vector Multiplier Updates
    – QuickChange™ Tools for Fast, Easy Design Changes
• Pin-compatible Package Options
    – Plastic Leaded Chip Carriers (PLCC)
    – Thin, Plastic Quad Flat Packs (LQFP, TQFP, PQFP)
    – Ball Grid Arrays (BGAs)
• Industry-standard Design Tools
    – Seamless Integration (Libraries, Interface, Full Back-annotation) with Concept®, Everest, Exemplar™, Mentor®, OrCAD®, Synario™, Synopsys®, Verilog®, Veribest®, Viewlogic®, Synplicity®
    – Timing Driven Placement & Routing
    – Automatic/Interactive Multi-chip Partitioning
    – Fast, Efficient Synthesis
    – Over 75 Automatic Component Generators Create 1000s of Reusable, Fully Deterministic Logic and RAM Functions
• Intellectual Property Cores
    – Fir Filters, UARTs, PCI, FFT and Other System Level Functions
• Easy Migration to Atmel Gate Arrays for High Volume Production
• Supply Voltage 5V for AT40K, and 3.3V for AT40KLV




Similar Part No. - AT40K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
Ultra High Performance
More results


Similar Description - AT40K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
5K - 50K Gates Coprocessor FPGA with FreeRAM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
50K gates/D.6ns. Compact and powerful!
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com