Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 2 Page - ATMEL Corporation

  AT40K Datasheet HTML 1Page - ATMEL Corporation AT40K Datasheet HTML 2Page - ATMEL Corporation AT40K Datasheet HTML 3Page - ATMEL Corporation AT40K Datasheet HTML 4Page - ATMEL Corporation AT40K Datasheet HTML 5Page - ATMEL Corporation AT40K Datasheet HTML 6Page - ATMEL Corporation AT40K Datasheet HTML 7Page - ATMEL Corporation AT40K Datasheet HTML 8Page - ATMEL Corporation AT40K Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
2
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Note:
1. Packages with FCK will have 8 less registers.
Description
The AT40K/AT40KLV is a family of fully PCI-compliant, SRAM-based FPGAs with dis-
tributed 10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM,
8 global clocks, Cache Logic ability (partially or fully reconfigurable without loss of data),
automatic component generators, and range in size from 5,000 to 50,000 usable gates.
I/O counts range from 128 to 384 in industry standard packages ranging from 84-pin
PLCC to 352-ball Square BGA, and support 5V designs for AT40K and 3.3V designs for
AT40KLV.
The AT40K/AT40KLV is designed to quickly implement high-performance, large gate
count designs through the use of synthesis and schematic-based tools used on a PC or
Sun platform. Atmel’s design tools provide seamless integration with industry standard
tools such as Synplicity, ModelSim, Exemplar and Viewlogic.
The AT40K/AT40KLV can be used as a coprocessor for high-speed (DSP/processor-
based) designs by implementing a variety of computation intensive, arithmetic functions.
These include adaptive finite impulse response (FIR) filters, fast Fourier transforms
(FFT), convolvers, interpolators and discrete-cosine transforms (DCT) that are required
for video compression and decompression, encryption, convolution and other multime-
dia applications.
Fast, Flexible and
Efficient SRAM
The AT40K/AT40KLV FPGA offers a patented distributed 10 ns SRAM capability where
the RAM can be used without losing logic resources. Multiple independent, synchronous
or asynchronous, dual-port or single-port RAM functions (FIFO, scratch pad, etc.) can
be created using Atmel’s macro generator tool.
Fast, Efficient Array and
Vector Multipliers
The AT40K/AT40KLV’s patented 8-sided core cell with direct horizontal, vertical and
diagonal cell-to-cell connections implements ultra fast array multipliers without using
any busing resources. The AT40K/AT40KLV’s Cache Logic capability enables a large
number of design coefficients and variables to be implemented in a very small amount
of silicon, enabling vast improvement in system speed at much lower cost than conven-
tional FPGAs.
Table 1. AT40K/AT40KLV Family
(1)
Device
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Usable Gates
5K - 10K
10K - 20K
20K - 30K
40K - 50K
Rows x Columns
16 x 16
24 x 24
32 x 32
48 x 48
Cells
256
576
1,024
2,304
Registers
256
(1)
576
(1)
1,024
(1)
2,304
(1)
RAM Bits
2,048
4,608
8,192
18,432
I/O (Maximum)
128
192
256
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com