Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation AT40K Datasheet HTML 44Page - ATMEL Corporation AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
GND
I/O187
I/O188
I/O61
I/O93
I/O125
I/O189
67
75
97
115
158
AD5
I/O62
I/O94
I/O126
I/O190
68
76
98
116
157
AE3
I/O63
(D8)
I/O95
(D8)
I/O127
(D8)
I/O191
(D8)
50
50
47
69
77
99
117
156
AD4
I/O64,
GCK4
I/O96,
GCK4
I/O128,
GCK4
I/O192,
GCK4
51
51
48
70
78
100
118
155
AC5
GND
GND
GND
GND
52
52
49
71
79
101
119
154
GND
(1)
CON
CON
CON
CON
53
53
50
72
80
103
120
153
AD3
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Right Side (Bottom to Top)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP
(2)
352
SBGA
(2)
VCC
VCC
VCC
VCC
54
54
51
73
81
106
121
152
VCC(1)
RESET
RESET
RESET
RESET
55
55
52
74
82
108
122
151
AC4
I/O65
(D7)
I/O97
(D7)
I/O129
(D7)
I/O193
(D7)
56
56
53
75
83
109
123
150
AD2
I/O66,
GCK5
I/O98,
GCK5
I/O130,
GCK5
I/O194,
GCK5
57
57
54
76
84
110
124
149
AC3
I/O67
I/O99
I/O131
I/O195
77
85
111
125
148
AB4
I/O68
I/O100
I/O132
I/O196
78
86
112
126
147
AD1
I/O133
I/O197
AB3
I/O134
I/O198
AC2
GND
I/O101
I/O135
I/O199
127
146
AA4
I/O102
I/O136
I/O200
128
145
AA3
I/O201
I/O202
I/O203
144
AB2
I/O204
143
AC1
VCC
VCC
VCC
(1)
GND
GND
GND
(1)
I/O69
(D6)
I/O103
(D6)
I/O137
(D6)
I/O205
(D6)
58
58
55
79
87
113
129
142
Y3
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Bottom Side (Left to Right)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com