Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 22Page - ATMEL Corporation AT40K Datasheet HTML 23Page - ATMEL Corporation AT40K Datasheet HTML 24Page - ATMEL Corporation AT40K Datasheet HTML 25Page - ATMEL Corporation AT40K Datasheet HTML 26Page - ATMEL Corporation AT40K Datasheet HTML 27Page - ATMEL Corporation AT40K Datasheet HTML 28Page - ATMEL Corporation AT40K Datasheet HTML 29Page - ATMEL Corporation AT40K Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
All input IO characteristics measured from a VIH of 50% at the pad (CMOS threshold) to the internal VIH of 50% of VCC.All
output IO characteristics are measured as the average of tPDLH and tPDHL to the pad VIH of 50% of VCC.
AC Timing Characteristics – 5V Operation AT40K
Delays are based on fixed loads and are described in the notes.
Maximum times based on worst case: VCC = 4.75V, temperature = 70°C
Minimum times based on best case: VCC = 5.25V, temperature = 0°C
Maximum delays are the average of tPDLH and tPDHL.
All input IO characteristics measured from a V
IH of 50% of VDD at the pad (CMOS threshold) to the internal VIH of 50%
of V
CC. All output IO characteristics are measured as the average of tPDLH and tPDHL to the pad VIH of 50% of VCC.
Cell Function
Parameter
Path
-2
Units
Notes
Repeaters
Repeater
t
PD (Maximum)
L -> E
1.3
ns
1 unit load
Repeater
tPD (Maximum)
E -> E
1.3
ns
1 unit load
Repeater
tPD (Maximum)
L -> L
1.3
ns
1 unit load
Repeater
tPD (Maximum)
E -> L
1.3
ns
1 unit load
Repeater
t
PD (Maximum)
E -> IO
0.8
ns
1 unit load
Repeater
t
PD (Maximum)
L -> IO
0.8
ns
1 unit load
Cell Function
Parameter
Path
-2
Units
Notes
IO
Input
t
PD (Maximum)
pad -> x/y
1.2
ns
No extra delay
Input
tPD (Maximum)
pad -> x/y
3.6
ns
1 extra delay
Input
tPD (Maximum)
pad -> x/y
7.3
ns
2 extra delays
Input
tPD (Maximum)
pad -> x/y
10.8
ns
3 extra delays
Output, Slow
tPD (Maximum)
x/y/E/L -> pad
5.9
ns
50 pf load
Output, Medium
t
PD (Maximum)
x/y/E/L -> pad
4.8
ns
50 pf load
Output, Fast
t
PD (Maximum)
x/y/E/L -> pad
3.9
ns
50 pf load
Output, Slow
tPZX (Maximum)
oe -> pad
6.2
ns
50 pf load
Output, Slow
tPXZ (Maximum)
oe -> pad
1.3
ns
50 pf load
Output, Medium
tPZX (Maximum)
oe -> pad
4.8
ns
50 pf load
Output, Medium
tPXZ (Maximum)
oe -> pad
1.9
ns
50 pf load
Output, Fast
t
PZX (Maximum)
oe -> pad
3.7
ns
50 pf load
Output, Fast
t
PXZ (Maximum)
oe -> pad
1.6
ns
50 pf load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com