Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 24Page - ATMEL Corporation AT40K Datasheet HTML 25Page - ATMEL Corporation AT40K Datasheet HTML 26Page - ATMEL Corporation AT40K Datasheet HTML 27Page - ATMEL Corporation AT40K Datasheet HTML 28Page - ATMEL Corporation AT40K Datasheet HTML 29Page - ATMEL Corporation AT40K Datasheet HTML 30Page - ATMEL Corporation AT40K Datasheet HTML 31Page - ATMEL Corporation AT40K Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
28
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
AC Timing Characteristics – 5V Operation AT40K
Delays are based on fixed loads and are described in the notes.
Maximum times based on worst case: VCC = 4.75V, temperature = 70°C
Minimum times based on best case: VCC = 5.25V, temperature = 0°C
Maximum delays are the average of tPDLH and tPDHL.
Cell Function
Parameter
Path
-2
Units
Notes
Async RAM
Write
tWECYC (Minimum)
cycle time
8.0
ns
Write
t
WEL (Minimum)
we
3.0
ns
Pulse width low
Write
t
WEH (Minimum)
we
3.0
ns
Pulse width high
Write
t
AWS (Minimum)
wr addr setup -> we
2.0
ns
Write
tAWH (Minimum)
wr addr hold -> we
0.0
ns
Write
tDS (Minimum)
din setup -> we
2.0
ns
Write
tDH (Minimum)
din hold -> we
0.0
ns
Write/Read
t
DD (Maximum)
din -> dout
4.6
ns
rd addr = wr addr
Read
t
AD (Maximum)
rd addr -> dout
3.1
ns
Read
t
OZX (Maximum)
oe -> dout
1.6
ns
Read
tOXZ (Maximum)
oe -> dout
2.0
ns
Sync RAM
Write
tCYC (Minimum)
cycle time
8.0
ns
Write
t
CLKL (Minimum)
clk
3.0
ns
Pulse width low
Write
t
CLKH (Minimum)
clk
3.0
ns
Pulse width high
Write
t
WCS (Minimum)
we setup -> clk
2.0
ns
Write
tWCH (Minimum)
we hold -> clk
0.0
ns
Write
tACS (Minimum)
wr addr setup -> clk
2.0
ns
Write
tACH (Minimum)
wr addr hold -> clk
0.0
ns
Write
tDCS (Minimum)
wr data setup -> clk
2.0
ns
Write
t
DCH (Minimum)
wr data hold -> clk
0.0
ns
Write/Read
t
CD (Maximum)
clk -> dout
3.5
ns
rd addr = wr addr
Read
tAD (Maximum)
rd addr -> dout
3.1
ns
Read
tOZX (Maximum)
oe -> dout
1.6
ns
Read
tOXZ (Maximum)
oe -> dout
2.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com