Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 38Page - ATMEL Corporation AT40K Datasheet HTML 39Page - ATMEL Corporation AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation AT40K Datasheet HTML 44Page - ATMEL Corporation AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O87
I/O131
201
AE17
I/O88
I/O132
200
AE16
GND
GND
83
GND
(1)
VCC
VCC(1)
I/O89
I/O133
199
AF16
I/O90
I/O134
198
AC15
I/O67
I/O91
I/O135
84
197
AD15
I/O68
I/O92
I/O136
85
196
AE15
I/O45
I/O69
I/O93
I/O137
36
33
50
56
74
86
195
AF15
I/O46
I/O70
I/O94
I/O138
37
34
51
57
75
87
194
AD14
GND
I/O139
I/O140
I/O141
I/O142
I/O47
(D15)
I/O71
(D15)
I/O95
(D15)
I/O143
(D15)
40
38
35
52
58
76
88
193
AE14
I/O48
(INIT)
I/O72
(INIT)
I/O96
(INIT)
I/O144
(INIT)
41
39
36
53
59
77
89
192
AF14
VCC
VCC
VCC
VCC
42
40
37
54
60
78
90
191
VCC
(1)
GND
GND
GND
GND
43
41
38
55
61
79
91
190
GND
(1)
I/O49
(D14)
I/O73
(D14)
I/O97
(D14)
I/O145
(D14)
44
42
39
56
62
80
92
189
AE13
I/O50
(D13)
I/O74
(D13)
I/O98
(D13)
I/O146
(D13)
45
43
40
57
63
81
93
188
AC13
I/O147
I/O148
I/O149
I/O150
GND
I/O51
I/O75
I/O99
I/O151
44
41
58
64
82
94
187
AD13
I/O52
I/O76
I/O100
I/O152
45
42
59
65
83
95
186
AF12
I/O77
I/O101
I/O153
84
96
185
AE12
I/O78
I/O102
I/O154
85
97
184
AD12
I/O103
I/O155
183
AC12
I/O104
I/O156
182
AF11
VCC
VCC(1)
GND
GND
98
GND
(1)
I/O105
I/O157
181
AE11
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Bottom Side (Left to Right)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com