Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 35Page - ATMEL Corporation AT40K Datasheet HTML 36Page - ATMEL Corporation AT40K Datasheet HTML 37Page - ATMEL Corporation AT40K Datasheet HTML 38Page - ATMEL Corporation AT40K Datasheet HTML 39Page - ATMEL Corporation AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O20
I/O28
I/O36
I/O54
22
24
30
34
263
P24
GND
I/O29
I/O37
I/O55
31
35
262
R26
I/O30
I/O38
I/O56
32
36
261
R25
I/O39
I/O57
260
R24
I/O40
I/O58
259
R23
I/O59
I/O60
VCC
VCC
(1)
GND
GND
37
GND(1)
I/O41
I/O61
258
T26
I/O42
I/O62
257
T25
I/O63
I/O64
I/O65
T24
I/O66
U25
GND
I/O31
I/O43
I/O67
38
256
T23
I/O32
I/O44
I/O68
39
255
V26
VCC
VCC
VCC
40
253
VCC(1)
I/O21
I/O33
I/O45
I/O69
25
19
16
23
25
33
41
252
U24
I/O22
I/O34
I/O46
I/O70
26
20
17
24
26
34
42
251
V25
I/O23
I/O35
I/O47
I/O71
25
27
35
43
250
V24
I/O24,
FCK2
I/O36,
FCK2
I/O48,
FCK2
I/O72,
FCK2
26
28
36
44
249
U23
GND
GND
GND
GND
27
29
37
45
248
GND
(1)
I/O49
I/O73
247
Y26
I/O50
I/O74
246
W25
I/O37
I/O51
I/O75
46
245
W24
I/O38
I/O52
I/O76
47
244
V23
I/O77
I/O78
GND
I/O79
I/O80
I/O39
I/O53
I/O81
38
48
243
AA26
I/O40
I/O54
I/O82
39
49
242
Y25
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Left Side (Top to Bottom)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. On-chip tri-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com