Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT40K Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation AT40K Datasheet HTML 49Page - ATMEL Corporation AT40K Datasheet HTML 50Page - ATMEL Corporation AT40K Datasheet HTML 51Page - ATMEL Corporation AT40K Datasheet HTML 52Page - ATMEL Corporation AT40K Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
49
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O307
I/O308
I/O155
I/O205
I/O309
169
193
62
B7
I/O156
I/O206
I/O310
170
194
61
A7
I/O207
I/O311
195
60
D9
I/O208
I/O312
59
C9
GND
GND
GND
GND
118
131
171
196
58
GND
(1)
I/O105
I/O157
I/O209
I/O313
119
132
172
197
57
B8
I/O106
I/O158
I/O210
I/O314
120
133
173
198
56
D10
I/O159
I/O211
I/O315
19955C10
I/O160
I/O212
I/O316
200
54
B9
VCC
VCC
VCC
201
52
VCC(1)
I/O213
I/O317
51
A9
I/O214
I/O318
50
D11
GND
I/O319
I/O320
I/O321
C11
I/O322
B10
I/O215
I/O323
49
B11
I/O216
I/O324
48
A11
GND
GND
GND(1)
VCC
VCC
(1)
I/O107
(A4)
I/O161
(A4)
I/O217
(A4)
I/O325
(A4)
81
85
82
121
134
174
202
47
D12
I/O108
(A5)
I/O162
(A5)
I/O218
(A5)
I/O326
(A5)
82
86
83
122
135
175
203
46
C12
I/O163
I/O219
I/O327
176
205
45
B12
I/O164
I/O220
I/O328
136
177
206
44
A12
I/O109
I/O165
I/O221
I/O329
87
84
123
137
178
207
43
C13
I/O110
I/O166
I/O222
I/O330
88
85
124
138
179
208
42
B13
GND
I/O331
I/O332
I/O333
I/O334
I/O111
(A6)
I/O167
(A6)
I/O223
(A6)
I/O335
(A6)
83
89
86
125
139
180
209
41
A13
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Top Side (Right to Left)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. Shared with TSTCLK. No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com