Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20DIP Datasheet (PDF) - STMicroelectronics

VIPER20DIP Datasheet PDF - STMicroelectronics
Part # VIPER20DIP
Download  VIPER20DIP Download
File Size   179.96 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMPS PRIMARY I.C.

VIPER20DIP Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER20DIP Datasheet PDF - STMicroelectronics

Part # VIPER20DIP
Download  VIPER20DIP Click to download

File Size   179.96 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SMPS PRIMARY I.C.

VIPER20DIP Datasheet (HTML) - STMicroelectronics


VIPER20DIP Product details

DESCRIPTION
VIPer20/20A, made using VIPower M0 Technology, combines on the same silicon chip a state-of-the-art PWM circuit together with an optimized high voltage avalanche rugged Vertical Power MOSFET (620V or 700V / 0.5A).
Typical applications cover off line power supplies with a secondary power capability of 10W in wide range condition and 20W in single range or with doubler configuration. It is compatible from both primary or secondary regulation loop despite using around 50% less components when compared with a discrete solution. Burst mode operation is an additional feature of this device, offering the possibility to operate in stand-by mode without extra components.

■ ADJUSTABLE SWITCHING FREQUENCY UP
   TO 200 kHz
■ CURRENT MODE CONTROL
■ SOFT START AND SHUT DOWN CONTROL
■ AUTOMATIC BURST MODE OPERATION IN
   STAND-BY CONDITION ABLE TO MEET
   “BLUE ANGEL” NORM (<1W TOTAL POWER
   CONSUMPTION)
■ INTERNALLY TRIMMED ZENER REFERENCE
■ UNDERVOLTAGE LOCK-OUT WITH
   HYSTERESIS
■ INTEGRATED START-UP SUPPLY
■ AVALANCHE RUGGED
■ OVERTEMPERATURE PROTECTION
■ LOW STAND-BY CURRENT
■ ADJUSTABLE CURRENT LIMITATION




Similar Part No. - VIPER20DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER20DIP-E STMICROELECTRONICS-VIPER20DIP-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
More results


Similar Description - VIPER20DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100B STMICROELECTRONICS-VIPER100B Datasheet
173Kb / 20P
SMPS PRIMARY I.C.
Jan-2000
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
SMPS primary I.C.
21-Jun-2006
VIPER50 STMICROELECTRONICS-VIPER50 Datasheet
407Kb / 23P
SMPS PRIMARY I.C.
May-2003
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100A-E STMICROELECTRONICS-VIPER100A-E Datasheet
349Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER50-E STMICROELECTRONICS-VIPER50-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
VIPER100A STMICROELECTRONICS-VIPER100A Datasheet
354Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com