Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20DIP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER20DIP
Description  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20DIP Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER20DIP Datasheet HTML 1Page - STMicroelectronics VIPER20DIP Datasheet HTML 2Page - STMicroelectronics VIPER20DIP Datasheet HTML 3Page - STMicroelectronics VIPER20DIP Datasheet HTML 4Page - STMicroelectronics VIPER20DIP Datasheet HTML 5Page - STMicroelectronics VIPER20DIP Datasheet HTML 6Page - STMicroelectronics VIPER20DIP Datasheet HTML 7Page - STMicroelectronics VIPER20DIP Datasheet HTML 8Page - STMicroelectronics VIPER20DIP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
July 2002
1/25
®
VIPer20/SP/DIP
- VIPer20A/ASP/ADIP
SMPS PRIMARY I.C.
1
s
ADJUSTABLE SWITCHING FREQUENCY UP
TO 200 kHz
s
CURRENT MODE CONTROL
s
SOFT START AND SHUT DOWN CONTROL
s
AUTOMATIC BURST MODE OPERATION IN
STAND-BY CONDITION ABLE TO MEET
“BLUE ANGEL” NORM (<1W TOTAL POWER
CONSUMPTION)
s
INTERNALLY TRIMMED ZENER REFERENCE
s
UNDERVOLTAGE LOCK-OUT WITH
HYSTERESIS
s
INTEGRATED START-UP SUPPLY
s
AVALANCHE RUGGED
s
OVERTEMPERATURE PROTECTION
s
LOW STAND-BY CURRENT
s
ADJUSTABLE CURRENT LIMITATION
DESCRIPTION
VIPer20/20A,
made
using
VIPower
M0
Technology, combines on the same silicon chip a
state-of-the-art PWM circuit together with an
optimized high voltage avalanche rugged Vertical
Power MOSFET (620V or 700V / 0.5A).
Typical applications cover off line power supplies
with a secondary power capability of 10W in wide
range condition and 20W in single range or with
doubler configuration. It is compatible from both
primary or secondary regulation loop despite
using
around
50%
less
components
when
compared with a discrete solution. Burst mode
operation is an additional feature of this device,
offering the possibility to operate in stand-by
mode without extra components.
TYPE
VDSS
In
RDS(on)
VIPer20/SP/DIP
620V
0.5 A
16
Ω
VIPer20A/ASP/ADIP
700V
0.5 A
18
Ω
BLOCK DIAGRAM
PENTAWATT HV
PENTAWATT HV (022Y)
1
10
PowerSO-10™
VDD
OSC
COMP
DRAIN
SOURCE
13 V
UVLO
LOGIC
SECURITY
LATCH
PWM
LATCH
FF
FF
R/S
S
Q
S
R1
R2 R3
Q
OSCILLATOR
OVERTEMP.
DETECTOR
ERROR
AMPLIFIER
_
+
0.5 V
+
_
1.7
µs
delay
250 ns
Blanking
CURRENT
AMPLIFIER
ON/OFF
0.5V
6 V/A
_
+
+
_
4.5 V
DIP-8


Similar Part No. - VIPER20DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER20DIP-E STMICROELECTRONICS-VIPER20DIP-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
More results

Similar Description - VIPER20DIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100B STMICROELECTRONICS-VIPER100B Datasheet
173Kb / 20P
SMPS PRIMARY I.C.
Jan-2000
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
SMPS primary I.C.
21-Jun-2006
VIPER50 STMICROELECTRONICS-VIPER50 Datasheet
407Kb / 23P
SMPS PRIMARY I.C.
May-2003
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100A-E STMICROELECTRONICS-VIPER100A-E Datasheet
349Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER50-E STMICROELECTRONICS-VIPER50-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
VIPER100A STMICROELECTRONICS-VIPER100A Datasheet
354Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com