Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M67206F Datasheet (PDF) - ATMEL Corporation

M67206F Datasheet PDF - ATMEL Corporation
Part # M67206F
Download  M67206F Download
File Size   72.1 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Radiation Tolerant FIFOs

M67206F Datasheet (PDF)

Go To PDF Page Download Datasheet
M67206F Datasheet PDF - ATMEL Corporation

Part # M67206F
Download  M67206F Click to download

File Size   72.1 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Radiation Tolerant FIFOs

M67206F Datasheet (HTML) - ATMEL Corporation


M67206F Product details

Active Errata List

• Limitation to the operating conditions inside a timing and data marginal configuration

• Reading Errors

• Empty Flag Parasitic Pulse



Errata Description

1. Limitation to the operating conditionsinside a timing and data marginal configuration.

Rising edge of READ from 0 ns up to 8 ns (typical) before the falling edge of WRITE when only one data is left to read.

See Figure 1 for behavior description.



Failure Mode:

Empty flag glitch and following data shift out 2nd byte corruption occurs when the rising edge of the first "READ" for data shift out occurs before falling edge of the third "WRITE" for data shift in.



Worst Case Range:

between 0 ns and 11 ns

Temperature = 125°C

Voltage = 4.5V

Characterization:

-55°C / 5.5V: 6 ns

25°C / 5V: 8 ns

125°C / 4.5V: 11 ns



Workaround

These FIFOs are functional outside of the above timing and data marginal configuration.

The recommended action is to avoid this particular configuration.

Please contact Atmel for a case by case application conditions analysis.



2. Reading errors.

Description

Sometimes a bit that has been written "1" is read "0".

Failure Conditions

1. Read and write commands fall down almost at the same time, tWLRLparameter in the hereunder table.

2. Write bit “0” on input port while a bit “1” is expected on output port.

3. Reading the 64th+1 (mod 64) location (16th+1 (mod 16) for 4Kx9 FIFO) vs. the writing location.

4. Read pulse (tRLRH) less than the one specified in the hereunder table.




Similar Part No. - M67206F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206F ATMEL-M67206F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
More results


Similar Description - M67206F

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42143 MICROPAC-42143 Datasheet
148Kb / 5P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
Radiation Tolerant 0.35 um CMOS
logo
International Rectifier
AMA2803R3S IRF-AMA2803R3S Datasheet
64Kb / 7P
RADIATION TOLERANT DC/DC CONVERTERS
logo
List of Unclassifed Man...
AMA2800 ETC2-AMA2800 Datasheet
25Kb / 2P
Radiation Tolerant DC/DC Converters
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
Radiation Tolerant Phototransistor
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
53253 MICROPAC-53253_07 Datasheet
81Kb / 8P
RADIATION TOLERANT, 90V - 0.8A
logo
Skyworks Solutions Inc.
OLH1249 SKYWORKS-OLH1249 Datasheet
281Kb / 6P
Radiation-Tolerant Phototransistor Hermetic Optocoupler6
April 13, 2017
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com