Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42143 Datasheet (PDF) - Micropac Industries

42143 Datasheet PDF - Micropac Industries
Part # 42143
Download  42143 Download
File Size   148.08 Kbytes
Page   5 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER

42143 Datasheet (PDF)

Go To PDF Page Download Datasheet
42143 Datasheet PDF - Micropac Industries

Part # 42143
Download  42143 Click to download

File Size   148.08 Kbytes
Page   5 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER

42143 Datasheet (HTML) - Micropac Industries


42143 Product details

DESCRIPTION
The 42143 Power Operational Amplifier designed for military and space applications where radiation tolerance is required. Utilizing multi-chip hybrid construction, the 42143 Power Operational Amplifier combines 2A load current capability with the convenience of a monolithic operational amplifier. Output current limiting is provided using external resistors. The 42143 Power Operational Amplifier is supplied in an 8-pin metal flat package.

Features:
• Designed for 100 krad(Si) Total Dose
• Hermetically Sealed in Metal Flat Package
• Performance over –55°C to +125°C
• Wide Supply Voltage Range
• 2A Output Current
• Short Circuit Protection

Applications:
• Satellite/Space systems
• Military/High Reliability Systems
• Programmable Power Supplies
• Solenoid Driver
• Servo Motor Amplifier
• Synchro Power Amplifier




Similar Part No. - 42143

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4214 FILTRONIC-4214 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Heyco.
4214 HEYCO-4214 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
More results


Similar Description - 42143

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
logo
Micropac Industries
42142 MICROPAC-42142 Datasheet
198Kb / 8P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
Radiation Tolerant Phototransistor
logo
ATMEL Corporation
M67206F ATMEL-M67206F Datasheet
72Kb / 5P
Radiation Tolerant FIFOs
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com