Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42142 Datasheet (PDF) - Micropac Industries

42142 Datasheet PDF - Micropac Industries
Part # 42142
Download  42142 Download
File Size   198.23 Kbytes
Page   8 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER

42142 Datasheet (PDF)

Go To PDF Page Download Datasheet
42142 Datasheet PDF - Micropac Industries

Part # 42142
Download  42142 Click to download

File Size   198.23 Kbytes
Page   8 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER

42142 Datasheet (HTML) - Micropac Industries


42142 Product details

DESCRIPTION
The 42142 is a power operational amplifier designed for military and space applications where radiation tolerance is required. Utilizing multi-chip hybrid construction, the 42142 power operational amplifier combines 10A load current capability with the convenience of a monolithic operational amplifier. Output current limiting is provided using external resistors. The 42142 power operational amplifier is supplied in an 8-pin hermetic flat package. This design has demonstrated it will function with minimal degradation after exposure to 100 krad(Si) total dose. This device is available as COTS, or screened to MIL-PRF-38534, Table C-IX, Class H or custom screening. Lead options support both through-hole and surface-mount assembly.

Features:
• Design Tested to 100 krad(Si) Total Dose
• Hermetically Sealed in Metal Package
• Performance over –55°C to +125°C
• Wide Supply Voltage Range
• High Output Current
• Short Circuit Protection

Applications:
• Satellite/Space systems
• Military/High Reliability Systems
• Programmable Power Supplies
• Solenoid Driver
• Servo Motor Amplifier
• Synchro Power Amplifier




Similar Part No. - 42142

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4214 FILTRONIC-4214 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Heyco.
4214 HEYCO-4214 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
More results


Similar Description - 42142

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
logo
Micropac Industries
42143 MICROPAC-42143 Datasheet
148Kb / 5P
RADIATION TOLERANT POWER OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
Radiation Tolerant Phototransistor
logo
ATMEL Corporation
M67206F ATMEL-M67206F Datasheet
72Kb / 5P
Radiation Tolerant FIFOs
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com