Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M67206H Datasheet (PDF) - ATMEL Corporation

M67206H Datasheet PDF - ATMEL Corporation
Part # M67206H
Download  M67206H Download
File Size   2055.96 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO

M67206H Datasheet (PDF)

Go To PDF Page Download Datasheet
M67206H Datasheet PDF - ATMEL Corporation

Part # M67206H
Download  M67206H Click to download

File Size   2055.96 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO

M67206H Datasheet (HTML) - ATMEL Corporation


M67206H Product details

Description
The M67206H implements a first-in first-out algorithm, featuring asynchronous read/write operations. The FULL and EMPTY flags prevent data overflow and underflow. The Expansion logic allows unlimited expansion in word size and depth with no timing penalties. Twin address pointers automatically generate internal read and write addresses, and no external address information is required. Address pointers are automatically incremented with the write pin and read pin. The 9 bits wide data are used in data communications applications where a parity bit for error checking is necessary. The Retransmit pin resets the Read pointer to zero without affecting the write pointer. This is very useful for retransmitting data when an error is detected in the system.

Features
• First-in First-out Dual Port Memory
• 16384 bits x 9 Organization
• Fast Flag and Access Times: 15, 30 ns
• Wide Temperature Range: - 55°C to + 125°C
• Fully Expandable by Word Width or Depth
• Asynchronous Read/Write Operations
• Empty, Full and Half Flags in Single Device Mode
• Retransmit Capability
• Bi-directional Applications
• Battery Back-up Operation: 2V Data Retention
• TTL Compatible
• Single 5V ± 10% Power Supply
• No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
• Tested up to a Total Dose of 30 krads (Si) according to MIL STD 883 Method 1019
• Quality grades: QML Q and V with SMD 5962-93177 and ESCC with specification
   9301/048




Similar Part No. - M67206H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206H ATMEL-M67206H_14 Datasheet
2Mb / 4P
Empty, Full and Half Flags in Single Device Mode
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
More results


Similar Description - M67206H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com