Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7206F Datasheet (PDF) - Maxwell Technologies

7206F Datasheet PDF - Maxwell Technologies
Part # 7206F
Download  7206F Download
File Size   208.78 Kbytes
Page   15 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO

7206F Datasheet (PDF)

Go To PDF Page Download Datasheet
7206F Datasheet PDF - Maxwell Technologies

Part # 7206F
Download  7206F Click to download

File Size   208.78 Kbytes
Page   15 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO

7206F Datasheet (HTML) - Maxwell Technologies


7206F Product details

DESCRIPTION:
Maxwell Technologies’ 7206F high speed FIFO microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. It is organized such that the data is read in the same sequential order that it was written. Full and Empty flags are provided to prevent overflow and underflow. The expansion logic allows unlimited expansion capability in work size and depth with no timing penalties. Twin address pointers automatically generate internal read and write addresses, and automatically increment with the write and read pin. The 7206F 9-bits wide data are used in data communications applications where a parity bit for error checking is necessary. The retransmit capability allows the read pointer to be reset to its initial position without affecting the write pointer.

FEATURES:
• 16K x 9-bit organization
• RAD-PAK® radiation-hardened against natural space radiation
• A total dose hardness:
    - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effect
    - SELTH: > 100 MeV/mg/cm2
    - SEUTH: = 7 MeV/mg/cm2
    - SEU saturated cross section: 1.5E-5 cm2/bit
• Asynchronous Read/Write operation
• High speed CMOS epi technology
• Retransmit capability
• Propagation time (max access time):
    - 15 ns, 20 ns, 30 ns, 40 ns, 50 ns
• Status flag: empty, half-full, full
• Fully expandable in both word depth and width
• Bi-directional applications
• Low power
• Battery back-up operation
• TTL compatible
• Package: 28 pin RAD-PAK® flat package




Similar Part No. - 7206F

ManufacturerPart #DatasheetDescription
logo
NEC
72065B NEC-72065B Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Renesas Technology Corp
7206L12DG RENESAS-7206L12DG Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGB RENESAS-7206L12DGB Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGBB RENESAS-7206L12DGBB Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
7206L12DGI RENESAS-7206L12DGI Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Similar Description - 7206F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
CMOS 512 x 9 FIFO
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
logo
ATMEL Corporation
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com