Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG2RT Datasheet (PDF) - ATMEL Corporation

MG2RT Datasheet PDF - ATMEL Corporation
Part # MG2RT
Download  MG2RT Download
File Size   211.76 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates

MG2RT Datasheet (PDF)

Go To PDF Page Download Datasheet
MG2RT Datasheet PDF - ATMEL Corporation

Part # MG2RT
Download  MG2RT Click to download

File Size   211.76 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates

MG2RT Datasheet (HTML) - ATMEL Corporation




Similar Part No. - MG2RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP_14 Datasheet
168Kb / 14P
Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
Full Range of Matrices with up to 480K Gates
More results


Similar Description - MG2RT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
0.25關m Sea of Gates and Customer Structured Arrays
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
0.35 關m Sea of Gates Arrays
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
CMOS NOR Gates
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Texas Instruments
SN54AC02-SP TI1-SN54AC02-SP Datasheet
301Kb / 9P
RAD-TOLERANT CLASS V, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AC02-DIE TI1-SN54AC02-DIE Datasheet
85Kb / 5P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com