Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG2RT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MG2RT
Description  Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RT Datasheet(HTML) 2 Page - ATMEL Corporation

  MG2RT Datasheet HTML 1Page - ATMEL Corporation MG2RT Datasheet HTML 2Page - ATMEL Corporation MG2RT Datasheet HTML 3Page - ATMEL Corporation MG2RT Datasheet HTML 4Page - ATMEL Corporation MG2RT Datasheet HTML 5Page - ATMEL Corporation MG2RT Datasheet HTML 6Page - ATMEL Corporation MG2RT Datasheet HTML 7Page - ATMEL Corporation MG2RT Datasheet HTML 8Page - ATMEL Corporation MG2RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
4115L–AERO–06/05
MG2RT
The MG2RT library allows straight forward migration from the MG1RT and MG1 Sea of Gates.
A netlist based on this library can be simulated as either MG2RT or MG2RTP. It can also be sim-
ulated as MG2 provided there are no SEU hardened cells.
Note:
Not available for new designs.
Libraries
The MG2RT cell library has been designed to take full advantage of the features offered by both
logic and test synthesis tools.
Design testability is assured by the full support of SCAN, JTAG (IEEE 1149) and BIST
methodologies.
More complex macro functions are available in VHDL, such as Two-wire Interface (TWI), UART,
Timer.
Block Generators
Block generators are used to create a customer specific simulation model and metallisation pat-
tern for regular functions like RAM and DPRAM. The basic cell architecture allows one bit per
cell for RAM and DPRAM. The main characteristics of these generators are summarised below.
Table 1. List of Available MG2RT Matrices
Type
Total Gates
Typical Usable
Gates
Total Pads
Maximum
Programmable I/O
MG2044E (1)
44616
31200
173
150
MG2091E
91464
64000
237
214
MG2194E (1)
193800
135600
333
310
MG2265E
264375
185000
385
362
MG2360E (1)
361680
253100
445
422
MG2480E
481143
336800
507
484
Function
Maximum
Size (bits)
Bits/Word
Typical Characteristics (16 Kbits) at 5V
Access Time (ns)
Used Cells
RAM
32K
1-36
8.6
20K
DPRAM
32K
1-36
9.2
23K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com